Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 388Page - Renesas Technology Corp R8C2K Datasheet HTML 389Page - Renesas Technology Corp R8C2K Datasheet HTML 390Page - Renesas Technology Corp R8C2K Datasheet HTML 391Page - Renesas Technology Corp R8C2K Datasheet HTML 392Page - Renesas Technology Corp R8C2K Datasheet HTML 393Page - Renesas Technology Corp R8C2K Datasheet HTML 394Page - Renesas Technology Corp R8C2K Datasheet HTML 395Page - Renesas Technology Corp R8C2K Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 375 of 450
REJ09B0406-0110
20.4.3.1
Software Commands
There are five types of software commands:
• Read array
• Read status register
• Clear status register
• Program
• Block erase
Figure 20.9 shows the Software Command Status Transition Diagram in EW0 Mode.
Figure 20.9
Software Command Status Transition Diagram in EW0 Mode
Read array mode
(FMR46 = 1
Reading enabled)
Program
Read status
register mode
Block erase
Erase
suspend
Clear status
register
Program
suspend
Auto-erasure completed
Non-D0h
and
non-FFh
Write 1 to the FMR01 bit immediately after writing 0.
FMR01 = 0
CPU rewrite mode (EW0 mode)
Read array mode
(FMR46 = 1
Reading enabled)
No command required
Reading only available
Auto-programming completed
50h
(Clear status
register command)
20h
(Block erase
command)
FFh
(Read array
command)
70h
(Read status
register
command)
40h
(Program command)
Write data
(Programming starts)
FFh
(Read array
command)
D0h
(Block erasure starts)
Auto-erase
(FMR46 = 0
Reading disabled)
Auto-program
(FMR46 = 0
Reading disabled)
Clear ends
Reset
CPU rewrite disabled
FMR41 = 0
(Restart)
FMR41 = 1
(Suspend request)
FMR42 = 1
(Suspend request)
FMR42 = 0
(Restart)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com