Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 387Page - Renesas Technology Corp R8C2K Datasheet HTML 388Page - Renesas Technology Corp R8C2K Datasheet HTML 389Page - Renesas Technology Corp R8C2K Datasheet HTML 390Page - Renesas Technology Corp R8C2K Datasheet HTML 391Page - Renesas Technology Corp R8C2K Datasheet HTML 392Page - Renesas Technology Corp R8C2K Datasheet HTML 393Page - Renesas Technology Corp R8C2K Datasheet HTML 394Page - Renesas Technology Corp R8C2K Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 374 of 450
REJ09B0406-0110
20.4.3
EW0 Mode
The MCU enters CPU rewrite mode and software commands can be acknowledged by setting the FMR01 bit in
the FMR0 register to 1 (CPU rewrite mode enabled). In this case, since the FMR11 bit in the FMR1 register is
set to 0, EW0 mode is selected.
Use software commands to control program and erase operations. The FMR0 register or the status register can
be used to determine when program and erase operations complete.
Figure 20.8 shows the How to Set and Exit EW0 Mode.
Figure 20.8
How to Set and Exit EW0 Mode
Set registers(1) CM0 and CM1
Transfer a rewrite control program which uses CPU
rewrite mode to the RAM.
Jump to the rewrite control program which has been
transferred to the RAM.
(The subsequent process is executed by the rewrite
control program in the RAM.)
Write 0 to the FMR01 bit before writing 1
(CPU rewrite mode enabled)(2)
Execute the read array command(3)
Execute software commands
Write 0 to the FMR01 bit
(CPU rewrite mode disabled)
Jump to a specified address in the flash memory
Rewrite control program
NOTES:
1. Select 5 MHz or below for the CPU clock by the CM06 bit in the CM0 register and bits CM16 to CM17 in the CM1 register.
2. To set the FMR01 bit to 1, write 0 to the FMR01 bit before writing 1. Do not generate an interrupt between writing 0 and 1.
Write to the FMR01 bit in the RAM.
3. Disable the CPU rewrite mode after executing the read array command.
EW0 Mode Operating Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com