Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 389Page - Renesas Technology Corp R8C2K Datasheet HTML 390Page - Renesas Technology Corp R8C2K Datasheet HTML 391Page - Renesas Technology Corp R8C2K Datasheet HTML 392Page - Renesas Technology Corp R8C2K Datasheet HTML 393Page - Renesas Technology Corp R8C2K Datasheet HTML 394Page - Renesas Technology Corp R8C2K Datasheet HTML 395Page - Renesas Technology Corp R8C2K Datasheet HTML 396Page - Renesas Technology Corp R8C2K Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 376 of 450
REJ09B0406-0110
• Read Array Command
The read array command reads the flash memory.
When FFh is written to an address in the user ROM area, the MCU enters read array mode. In this mode, the
contents of the specified address can be read.
Read array mode continues until other commands are written. The MCU enters this mode after a reset is
deasserted.
• Read Status Register Command
The read status register command is used to read the status register. Figure 20.10 shows the Status Register.
The status register indicates the operating status of the flash memory and whether an erase or program
operation has completed normally or in error (refer to Table 20.4 Errors and FMR0 Register Status). When
70h is written to an address in the user ROM area, the MCU enters read status register mode. When the
address in the user ROM area is read subsequently, the status register can be read.
The MCU remains in read status register mode until the next read array command is written.
The status of the status register can be determined by reading bits FMR00, FMR06, and FMR07 in the FMR0
register.
Figure 20.10
Status Register
• Clear Status Register Command
The clear status register command sets the status register to 0.
When 50h is written to an address in the user ROM area, bits FMR07 and FMR06 in the FMR0 register and
bits SR5 and SR4 in the status register are set to 00b.
SR7 SR6 SR5 SR4 SR3 SR2 SR1 SR0
Status register
D0
D1
D2
D3
D4
D5
D6
D7
FMR0 register
FMR06 bit
FMR07 bit
FMR00 bit
D0 to D7: These indicate the read data buses when the read status command is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com