Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 395 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 391Page - Renesas Technology Corp R8C2K Datasheet HTML 392Page - Renesas Technology Corp R8C2K Datasheet HTML 393Page - Renesas Technology Corp R8C2K Datasheet HTML 394Page - Renesas Technology Corp R8C2K Datasheet HTML 395Page - Renesas Technology Corp R8C2K Datasheet HTML 396Page - Renesas Technology Corp R8C2K Datasheet HTML 397Page - Renesas Technology Corp R8C2K Datasheet HTML 398Page - Renesas Technology Corp R8C2K Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 378 of 450
REJ09B0406-0110
Figure 20.12
Program Command in EW0 Mode (When Suspend Function Enabled)
Start
Write the command code 40h
Write data to the write address
FMR44 = 0 ?
Full status check
Program completed
No
Yes
FMR40 = 1
NOTES:
1. In EW0 mode, the interrupt vector table and interrupt routine for interrupts to be used should be allocated to the RAM area.
2. When no interrupt is used, the instruction to enable interrupts is not needed.
3. td(SR-SUS) is needed until program is suspended after the FMR42 bit in the FMR4 register is set to 1.
Maskable interrupt(1)
FMR46 = 1 ?
REIT
Yes
FMR42 = 1(3)
FMR42 = 0
Access flash memory
FMR44 = 1 ?
Yes
No
No
I = 1 (enable interrupt)(2)
Access flash memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com