Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 395Page - Renesas Technology Corp R8C2K Datasheet HTML 396Page - Renesas Technology Corp R8C2K Datasheet HTML 397Page - Renesas Technology Corp R8C2K Datasheet HTML 398Page - Renesas Technology Corp R8C2K Datasheet HTML 399Page - Renesas Technology Corp R8C2K Datasheet HTML 400Page - Renesas Technology Corp R8C2K Datasheet HTML 401Page - Renesas Technology Corp R8C2K Datasheet HTML 402Page - Renesas Technology Corp R8C2K Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 382 of 450
REJ09B0406-0110
Figure 20.16 shows the Program Flowchart during Erase-Suspend in EW0 Mode.
Figure 20.16
Program Flowchart during Erase-Suspend in EW0 Mode
Start
Write the command code 20h
Write D0h to any block
address
FMR00 = 1 ?
Full status check
Block erase completed
No
Yes
(EW0 Mode)
FMR40 = 1
NOTES:
1. In EW0 mode, the interrupt vector table and interrupt routine for interrupts to be used should be allocated to the RAM area.
2. When no interrupt is used, the instruction to enable interrupts is not needed.
3. td(SR-SUS) is needed until erase or program is suspended after the FMR41 bit or the FMR42 bit in the FMR4 register is set to 1.
Maskable interrupt 1: interrupt in erase-suspend, maskable interrupt 2: interrupt in program-suspend
Maskable interrupt 1(1)
FMR44 = 0 ?
REIT
Yes
I = 1 (enable interrupt)(2)
FMR41 = 0
FMR43 = 1 ?
FMR46 = 1 ?
Yes
No
No
No
I = 1 (enable interrupt)(2)
FMR41 = 1(3)
Yes
Maskable interrupt 2(1)
REIT
Yes
FMR42 = 0
Access flash memory
FMR44 = 1 ?
FMR46 = 1 ?
No
Access flash memory
No
FMR42 = 1(3)
Yes
Write the command code 40h to
the write address
Write data to the write address
Full status check
FMR44 = 0 ?
I = 1 (enable interrupt)(2)
No
Write the command code 40h to
the write address
Write data to the write address
Yes
Full status check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com