Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 398Page - Renesas Technology Corp R8C2K Datasheet HTML 399Page - Renesas Technology Corp R8C2K Datasheet HTML 400Page - Renesas Technology Corp R8C2K Datasheet HTML 401Page - Renesas Technology Corp R8C2K Datasheet HTML 402Page - Renesas Technology Corp R8C2K Datasheet HTML 403Page - Renesas Technology Corp R8C2K Datasheet HTML 404Page - Renesas Technology Corp R8C2K Datasheet HTML 405Page - Renesas Technology Corp R8C2K Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 385 of 450
REJ09B0406-0110
20.4.4.1
Software Commands
There are four types of software commands:
• Read array
• Clear status register
• Program
• Block erase
Do not execute read status register command in EW1 mode.
Figure 20.18 shows the Software Command Status Transition Diagram in EW1 Mode.
Figure 20.18
Software Command Status Transition Diagram in EW1 Mode
• Read Array Command
The read array command reads the flash memory.
When FFh is written to an address in the user ROM area, the MCU enters read array mode. In this mode, the
contents of the specified address can be read.
Read array mode continues until other commands are written. The MCU enters this mode after a reset is
deasserted.
• Clear Status Register Command
The clear status register command sets the status register to 0.
When 50h is written to an address in the user ROM area, bits FMR07 and FMR06 in the FMR0 register and
bits SR5 and SR4 in the status register are set to 00b.
Read array mode
(FMR46 = 1
Reading enabled)
Program
Block erase
Erase
suspend
Clear status
register
Program
suspend
FMR42 = 0
(Restart)
Auto-erasure
completed
Write 1 to the FMR01 bit immediately after writing 0, and
write 1 to the FMR11 bit immediately after writing 0.
FMR01 = 0
Read array mode
(FMR46 = 1
Reading enabled)
No command required
Reading only available
Auto-programming
completed
50h
(Clear status
register
command)
FMR41 = 0
(Restart)
Interrupt
(FMR41 = 1)
20h
(Block erase
command)
Interrupt
(FMR42 = 1)
40h
(Program command)
Write data
(Programming starts)
FFh
(Read array
command)
D0h
(Block erasure starts)
CPU stops
Auto-erase
(FMR46 = 0
Reading disabled)
Auto-program
(FMR46 = 0
Reading disabled)
Clear ends
CPU rewrite mode (EW1 mode)
Reset
CPU rewrite disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com