Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 401Page - Renesas Technology Corp R8C2K Datasheet HTML 402Page - Renesas Technology Corp R8C2K Datasheet HTML 403Page - Renesas Technology Corp R8C2K Datasheet HTML 404Page - Renesas Technology Corp R8C2K Datasheet HTML 405Page - Renesas Technology Corp R8C2K Datasheet HTML 406Page - Renesas Technology Corp R8C2K Datasheet HTML 407Page - Renesas Technology Corp R8C2K Datasheet HTML 408Page - Renesas Technology Corp R8C2K Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 388 of 450
REJ09B0406-0110
• Block Erase
When 20h is first written and then D0h is written to a given block address, an auto-erase operation (erase and
verify) of the specified block starts.
The FMR00 bit in the FMR0 register can be used to determine whether auto-erasure has completed.
The FMR00 bit is set to 0 during auto-erasure and set to 1 when auto-erasure completes.
The FMR07 bit in the FMR0 register can be used to determine the result of auto-erasure after auto-erasure has
completed (refer to 20.4.2 Status Check Procedure).
Also, when the FMR02 bit in the FMR0 register is set to 0 (rewrite disabled), or the FMR02 bit is set to 1
(rewrite enabled) and the FMR15 bit in the FMR1 register is set to 1 (rewrite disabled), block erase commands
targeting block 0 are not acknowledged.
Do not use the block erase command during program-suspend.
Do not execute this command for any address to which a rewrite control program is allocated.
Figure 20.21 shows the Block Erase Command in EW1 Mode (When Suspend Function Disabled). Figure
20.22 shows the Block Erase Command in EW1 Mode (When Suspend Function Enabled).
If the programming and erasure endurance is n (n = 100, 1000, or 10,000), each block can be erased n times.
For example, if 1,024 1-byte writes are performed to block A, a 1-Kbyte block, and then the block is erased,
the erase count stands at one. When performing 100 or more rewrites, the actual erase count can be reduced by
executing programming operations in such a way that all blank areas are used before performing an erase
operation. Avoid rewriting only particular blocks and try to average out the programming and erasure
endurance of the blocks.
It is also advisable to retain data on the erase count of each block and limit the number of erase operations to a
certain number.
Figure 20.21
Block Erase Command in EW1 Mode (When Suspend Function Disabled)
Start
Write the command code 20h
Write D0h to any block
address
FMR00 = 1?
Full status check
Block erase completed
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com