Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 404Page - Renesas Technology Corp R8C2K Datasheet HTML 405Page - Renesas Technology Corp R8C2K Datasheet HTML 406Page - Renesas Technology Corp R8C2K Datasheet HTML 407Page - Renesas Technology Corp R8C2K Datasheet HTML 408Page - Renesas Technology Corp R8C2K Datasheet HTML 409Page - Renesas Technology Corp R8C2K Datasheet HTML 410Page - Renesas Technology Corp R8C2K Datasheet HTML 411Page - Renesas Technology Corp R8C2K Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 391 of 450
REJ09B0406-0110
Figure 20.24
Program Flowchart during Erase-Suspend in EW1 Mode
20.4.4.3
EW1 Mode Interrupts
In EW1 mode, maskable interrupts can be used.
Table 20.6 lists the EW1 Mode Interrupts. Refer to 20.7.1.3 Non-Maskable Interrupts for details of the non-
maskable interrupt.
Table 20.6
EW1 Mode Interrupts
Status
When Maskable Interrupt Request is Acknowledged
During auto-erasure (erase-
suspend function enabled)
Auto-erasure is suspended after td(SR-SUS) and interrupt handling is executed.
Auto-erasure can be restarted by setting the FMR41 bit in theFMR4 register to 0
(erasure restarts) after interrupt handling completes.
During auto-erasure (erase-
suspend function disabled)
Auto-erasure has priority and the interrupt request acknowledgement is put on
standby. Interrupt handling is executed after auto-erasure completes.
During auto-programming
(program suspend function
enabled)
Auto-programming is suspended after td(SR-SUS) and interrupt
handling is executed. Auto-programming can be restarted by setting the FMR42 bit
in the FMR4 register to 0 (programming restarts) after interrupt handling completes.
During auto- programming
(program suspend function
disabled)
Auto-programming has priority and the interrupt request acknowledgement is put on
standby. Interrupt handling is executed after auto-programming completes.
Start
Write the command code 20h
Write D0h to any block
address
FMR00 = 1 ?
Full status check
Block erase completed
No
Yes
(EW1 Mode)
FMR40 = 1
NOTE:
1.td(SR-SUS) is needed until the interrupt request is acknowledged after it is generated. The interrupt to enter
suspend should be in interrupt enabled status.
Maskable interrupt 1: interrupt in erase-suspend, maskable interrupt 2: interrupt in program-suspend
I = 1 (enable interrupt)
FMR41 = 0
Maskable interrupt 1(1)
Write the command code 40h
to the write address
Write data to the write address
FMR44 = 0 ?
Full status check
REIT
No
Yes
Maskable interrupt 2(1)
REIT
Access flash memory
FMR42 = 0
I = 1 (enable interrupt)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com