Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 406Page - Renesas Technology Corp R8C2K Datasheet HTML 407Page - Renesas Technology Corp R8C2K Datasheet HTML 408Page - Renesas Technology Corp R8C2K Datasheet HTML 409Page - Renesas Technology Corp R8C2K Datasheet HTML 410Page - Renesas Technology Corp R8C2K Datasheet HTML 411Page - Renesas Technology Corp R8C2K Datasheet HTML 412Page - Renesas Technology Corp R8C2K Datasheet HTML 413Page - Renesas Technology Corp R8C2K Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 393 of 450
REJ09B0406-0110
Figure 20.25
Example of Pin Processing in Standard Serial I/O Mode 2
Table 20.7
Pin Functions (Flash Memory Standard Serial I/O Mode 2)
Pin
Name
I/O
Description
VCC, VSS
Power input
Apply the voltage guaranteed for programming and
erasure to the VCC pin and 0 V to the VSS pin.
RESET
Reset input
I
Reset input pin.
P4_6/XIN
P4_6 input/clock input
I
Connect a ceramic resonator or crystal oscillator
between the XIN and XOUT pins.
P4_7/XOUT
P4_7 input/clock output
I/O
P0_1 to P0_3, P0_5
Input port P0
I
Input “H” or “L” level signal or leave the pin open.
P1_0 to P1_7
Input port P1
I
P2_0 to P2_7
Input port P2
I
P3_3 to P3_5
Input port P3
I
P4_2/VREF
Input port P4
I
MODE
MODE
I/O Input “L”.
P0_0
TXD output
O
Serial data output pin.
P4_5
RXD input
I
Serial data input pin.
NOTES:
1. In this example, modes are switched between single-chip mode and standard serial I/O mode
by controlling the MODE input with a switch.
2. An oscillator must be connected. Set the main clock frequency to 1 MHz to 20 MHz.
Refer to Appendix Figure 2.1 Connection Example with M16C Flash Starter (M3A-0806).
MCU
TXD
RXD
Data output
Data input
MODE
VCC
AVCC
VSS
AVSS
RESET
User reset signal
Connect an oscillation circuit(2)
XIN
XOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com