Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 413 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 409Page - Renesas Technology Corp R8C2K Datasheet HTML 410Page - Renesas Technology Corp R8C2K Datasheet HTML 411Page - Renesas Technology Corp R8C2K Datasheet HTML 412Page - Renesas Technology Corp R8C2K Datasheet HTML 413Page - Renesas Technology Corp R8C2K Datasheet HTML 414Page - Renesas Technology Corp R8C2K Datasheet HTML 415Page - Renesas Technology Corp R8C2K Datasheet HTML 416Page - Renesas Technology Corp R8C2K Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 396 of 450
REJ09B0406-0110
20.7
Notes on Flash Memory
20.7.1
CPU Rewrite Mode
20.7.1.1
Operating Speed
Before entering CPU rewrite mode (EW0 mode), select 5 MHz or below for the CPU clock using the CM06 bit
in the CM0 register and bits CM16 to CM17 in the CM1 register. This does not apply to EW1 mode.
20.7.1.2
Prohibited Instructions
The following instructions cannot be used in EW0 mode because they reference data in the flash memory:
UND, INTO, and BRK.
20.7.1.3
Non-Maskable Interrupts
• EW0 Mode
Once a watchdog timer, oscillation stop detection, voltage monitor1, or voltage monitor 2 interrupt request
is acknowledged, auto-erasure or auto-programming is forcibly stopped immediately and the flash memory
is reset. Interrupt handling starts after a fixed period and the flash memory restarts.
As the block during auto-erasure or the address during auto-programming is forcibly stopped, the normal
value may not be readable. Execute auto-erasure again and ensure it completes normally.
The watchdog timer does not stop during command operation, so that interrupt requests may be generated.
Initialize the watchdog timer regularly.
Do not use the address match interrupt while a command is being executed because the vector of the
address match interrupt is allocated in ROM.
Do not use a non-maskable interrupt while block 0 is being automatically erased because the fixed vector is
allocated in block 0.
• EW1 Mode
Once a watchdog timer, oscillation stop detection, voltage monitor1, or voltage monitor 2 interrupt request
is acknowledged, auto-erasure or auto-programming is forcibly stopped immediately and the flash memory
is reset. Interrupt handling starts after a fixed period and the flash memory restarts.
As the block during auto-erasure or the address during auto-programming is forcibly stopped, the normal
value may not be readable. Execute auto-erasure again and ensure it completes normally.
The watchdog timer does not stop even during command operation, so that interrupt requests may be
generated. Initialize the watchdog timer by using the erase-suspend function.
Do not use the address match interrupt while a command is being executed because the vector of the
address match interrupt is allocated in ROM.
Do not use a non-maskable interrupt while block 0 is being automatically erased because the fixed vector is
allocated in block 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com