Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 411Page - Renesas Technology Corp R8C2K Datasheet HTML 412Page - Renesas Technology Corp R8C2K Datasheet HTML 413Page - Renesas Technology Corp R8C2K Datasheet HTML 414Page - Renesas Technology Corp R8C2K Datasheet HTML 415Page - Renesas Technology Corp R8C2K Datasheet HTML 416Page - Renesas Technology Corp R8C2K Datasheet HTML 417Page - Renesas Technology Corp R8C2K Datasheet HTML 418Page - Renesas Technology Corp R8C2K Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 471 page
background image
R8C/2K Group, R8C/2L Group
21. Reducing Power Consumption
Rev.1.10
Dec 21, 2007
Page 398 of 450
REJ09B0406-0110
21. Reducing Power Consumption
21.1
Overview
This chapter describes key points and processing methods for reducing power consumption.
21.2
Key Points and Processing Methods for Reducing Power Consumption
Key points for reducing power consumption are shown below. They should be referred to when designing a system
or creating a program.
21.2.1
Voltage Detection Circuit
When voltage monitor 1 is not used, set the VCA26 bit in the VCA2 register to 0 (voltage detection 1 circuit
disabled). When voltage monitor 2 is not used, set the VCA27 bit in the VCA2 register to 0 (voltage detection 2
circuit disabled).
If the power-on reset and voltage monitor 0 reset are not used, set the VCA25 bit in the VCA2 register to 0
(voltage detection 0 circuit disabled).
21.2.2
Ports
Even after the MCU enters wait mode or stop mode, the states of the I/O ports are retained. Current flows into
the output ports in the active state, and shoot-through current flows into the input ports in the high-impedance
state. Unnecessary ports should be set to input and fixed to a stable electric potential before the MCU enters
wait mode or stop mode.
21.2.3
Clocks
Power consumption generally depends on the number of the operating clocks and their frequencies. The fewer
the number of operating clocks or the lower their frequencies, the more power consumption decreases.
Unnecessary clocks should be stopped accordingly.
Stopping XIN clock: CM05 bit in CM0 register
Stopping low-speed on-chip oscillator oscillation: CM14 bit in CM1 register
Stopping high-speed on-chip oscillator oscillation: HRA00 bit in HRA0 register
21.2.4
Wait Mode, Stop Mode
Power consumption can be reduced in wait mode and stop mode. Refer to 10.4 Power Control for details.
21.2.5
Stopping Peripheral Function Clocks
If the peripheral function f1, f2, f4, f8, and f32 clocks are not necessary in wait mode, set the CM02 bit in the
CM0 register to 1 (peripheral function clock stops in wait mode). This will stop the f1, f2, f4, f8, and f32 clocks
in wait mode.
21.2.6
Timers
If timer RA is not used, set the TCKCUT bit in the TRAMR register to 1 (count source cutoff).
If timer RB is not used, set the TCKCUT bit in the TRBMR register to 1 (count source cutoff).
21.2.7
A/D Converter
When A/D conversion is not performed, set the VCUT bit in the ADCON1 register to 0 (VREF unconnected).
To perform A/D conversion, wait for at least 1
µs after setting the VCUT bit to 1 (VREF connected) before
starting the A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com