Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 415Page - Renesas Technology Corp R8C2K Datasheet HTML 416Page - Renesas Technology Corp R8C2K Datasheet HTML 417Page - Renesas Technology Corp R8C2K Datasheet HTML 418Page - Renesas Technology Corp R8C2K Datasheet HTML 419Page - Renesas Technology Corp R8C2K Datasheet HTML 420Page - Renesas Technology Corp R8C2K Datasheet HTML 421Page - Renesas Technology Corp R8C2K Datasheet HTML 422Page - Renesas Technology Corp R8C2K Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 471 page
background image
R8C/2K Group, R8C/2L Group
22. Electrical Characteristics
Rev.1.10
Dec 21, 2007
Page 402 of 450
REJ09B0406-0110
22. Electrical Characteristics
Table 22.1
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated Value
Unit
VCC/AVCC
Supply voltage
−0.3 to 6.5
V
VI
Input voltage
−0.3 to VCC + 0.3
V
VO
Output voltage
−0.3 to VCC + 0.3
V
Pd
Power dissipation
Topr = 25
°C500
mW
Topr
Operating ambient temperature
−20 to 85 (N version) /
−40 to 85 (D version)
°C
Tstg
Storage temperature
−65 to 150
°C
The electrical characteristics of N version (Topr = –20
°C to 85°C) and D version (Topr = –40°C to 85°C) are
listed below.
Please contact Renesas Technology sales offices for the electrical characteristics in the Y version (Topr =
–20
°C to 105°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com