Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 420 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 416Page - Renesas Technology Corp R8C2K Datasheet HTML 417Page - Renesas Technology Corp R8C2K Datasheet HTML 418Page - Renesas Technology Corp R8C2K Datasheet HTML 419Page - Renesas Technology Corp R8C2K Datasheet HTML 420Page - Renesas Technology Corp R8C2K Datasheet HTML 421Page - Renesas Technology Corp R8C2K Datasheet HTML 422Page - Renesas Technology Corp R8C2K Datasheet HTML 423Page - Renesas Technology Corp R8C2K Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 471 page
background image
R8C/2K Group, R8C/2L Group
22. Electrical Characteristics
Rev.1.10
Dec 21, 2007
Page 403 of 450
REJ09B0406-0110
NOTES:
1.
VCC = 2.2 to 5.5 V at Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
The average output current indicates the average value of current measured during 100 ms.
Table 22.2
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC
Supply voltage
2.2
−
5.5
V
AVCC
Supply voltage
2.7
−
5.5
VSS/AVSS
Supply voltage
−
0
−
V
VIH
Input “H” voltage
0.8 VCC
−
VCC
V
VIL
Input “L” voltage
0
−
0.2 VCC
V
IOH(sum)
Peak sum output
“H” current
Sum of all pins IOH(peak)
−−
−160
mA
IOH(sum)
Average sum
output “H” current
Sum of all pins IOH(avg)
−−
−80
mA
IOH(peak)
Peak output “H”
current
Except P2_0 to P2_7
−−
−10
mA
P2_0 to P2_7
−−
−40
mA
IOH(avg)
Average output
“H” current
Except P2_0 to P2_7
−−
−5mA
P2_0 to P2_7
−−
−20
mA
IOL(sum)
Peak sum output
“L” currents
Sum of all pins IOL(peak)
−−
160
mA
IOL(sum)
Average sum
output “L”
currents
Sum of all pins IOL(avg)
−−
80
mA
IOL(peak)
Peak output “L”
currents
Except P2_0 to P2_7
−−
10
mA
P2_0 to P2_7
−−
40
mA
IOL(avg)
Average output
“L” current
Except P2_0 to P2_7
−−
5mA
P2_0 to P2_7
−−
20
mA
f(XIN)
XIN clock input oscillation frequency
3.0 V
≤ VCC ≤ 5.5 V
0
−
20
MHz
2.7 V
≤ VCC < 3.0 V
0
−
10
MHz
2.2 V
≤ VCC < 2.7 V
0
−
5MHz
−
System clock
OCD2 = 0
XlN clock selected
3.0 V
≤ VCC ≤ 5.5 V
0
−
20
MHz
2.7 V
≤ VCC < 3.0 V
0
−
10
MHz
2.2 V
≤ VCC < 2.7 V
0
−
5MHz
OCD2 = 1
On-chip oscillator clock
selected
FRA01 = 0
Low-speed on-chip
oscillator clock selected
−
125
−
kHz
FRA01 = 1
High-speed on-chip
oscillator clock selected
3.0 V
≤ VCC ≤ 5.5 V
−−
20
MHz
FRA01 = 1
High-speed on-chip
oscillator clock selected
2.7 V
≤ VCC ≤ 5.5 V
−−
10
MHz
FRA01 = 1
High-speed on-chip
oscillator clock selected
2.2 V
≤ VCC ≤ 5.5 V
−−
5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com