Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 417Page - Renesas Technology Corp R8C2K Datasheet HTML 418Page - Renesas Technology Corp R8C2K Datasheet HTML 419Page - Renesas Technology Corp R8C2K Datasheet HTML 420Page - Renesas Technology Corp R8C2K Datasheet HTML 421Page - Renesas Technology Corp R8C2K Datasheet HTML 422Page - Renesas Technology Corp R8C2K Datasheet HTML 423Page - Renesas Technology Corp R8C2K Datasheet HTML 424Page - Renesas Technology Corp R8C2K Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 471 page
background image
R8C/2K Group, R8C/2L Group
22. Electrical Characteristics
Rev.1.10
Dec 21, 2007
Page 404 of 450
REJ09B0406-0110
NOTES:
1.
AVCC = 2.7 to 5.5 V at Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
When the analog input voltage is over the reference voltage, the A/D conversion result will be 3FFh in 10-bit mode and FFh in
8-bit mode.
Figure 22.1
Ports P0 to P4 Timing Measurement Circuit
Table 22.3
A/D Converter Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Resolution
Vref = AVCC
−−
10
Bits
−
Absolute
accuracy
10-bit mode
φAD = 10 MHz, Vref = AVCC = 5.0 V
−−
±3
LSB
8-bit mode
φAD = 10 MHz, Vref = AVCC = 5.0 V
−−
±2
LSB
10-bit mode
φAD = 10 MHz, Vref = AVCC = 3.3 V
−−
±5
LSB
8-bit mode
φAD = 10 MHz, Vref = AVCC = 3.3 V
−−
±2
LSB
Rladder
Resistor ladder
Vref = AVCC
10
−
40
k
Ω
tconv
Conversion time 10-bit mode
φAD = 10 MHz, Vref = AVCC = 5.0 V
3.3
−−
µs
8-bit mode
φAD = 10 MHz, Vref = AVCC = 5.0 V
2.8
−−
µs
Vref
Reference voltage
2.2
−
AVCC
V
VIA
Analog input voltage(2)
0
−
AVCC
V
−
A/D operating
clock frequency
Without sample and hold
Vref = AVCC = 2.7 to 5.5 V
0.25
−
10
MHz
With sample and hold
Vref = AVCC = 2.7 to 5.5 V
1
−
10
MHz
P0
P1
P2
P3
P4
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com