Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 421Page - Renesas Technology Corp R8C2K Datasheet HTML 422Page - Renesas Technology Corp R8C2K Datasheet HTML 423Page - Renesas Technology Corp R8C2K Datasheet HTML 424Page - Renesas Technology Corp R8C2K Datasheet HTML 425Page - Renesas Technology Corp R8C2K Datasheet HTML 426Page - Renesas Technology Corp R8C2K Datasheet HTML 427Page - Renesas Technology Corp R8C2K Datasheet HTML 428Page - Renesas Technology Corp R8C2K Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 471 page
background image
R8C/2K Group, R8C/2L Group
22. Electrical Characteristics
Rev.1.10
Dec 21, 2007
Page 408 of 450
REJ09B0406-0110
NOTES:
1.
The measurement condition is Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
This condition (external power VCC rise gradient) does not apply if VCC
≥ 1.0 V.
3.
To use the power-on reset function, enable voltage monitor 0 reset by setting the LVD0ON bit in the OFS register to 0, the
VW0C0 and VW0C6 bits in the VW0C register to 1 respectively, and the VCA25 bit in the VCA2 register to 1.
4.
tw(por1) indicates the duration the external power VCC must be held below the effective voltage (Vpor1) to enable a power on
reset. When turning on the power for the first time, maintain tw(por1) for 30 s or more if
−20°C ≤ Topr ≤ 85°C, maintain tw(por1) for
3,000 s or more if
−40°C ≤ Topr < −20°C.
Figure 22.3
Reset Circuit Electrical Characteristics
Table 22.9
Power-on Reset Circuit, Voltage Monitor 0 Reset Electrical Characteristics(3)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vpor1
Power-on reset valid voltage(4)
−−
0.1
V
Vpor2
Power-on reset or voltage monitor 0 reset valid
voltage
0
−
Vdet0
V
trth
External power VCC rise gradient(2)
20
−−
mV/msec
NOTES:
1. When using the voltage monitor 0 digital filter, ensure that the voltage is within the MCU operation voltage
range (2.2 V or above) during the sampling time.
2. The sampling clock can be selected. Refer to
6. Voltage Detection Circuit for details.
3. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit. Refer to
6. Voltage Detection
Circuit for details.
Vdet0(3)
Vpor1
Internal
reset signal
(“L” valid)
tw(por1)
Sampling time(1, 2)
Vdet0(3)
1
fOCO-S
× 32
1
fOCO-S
× 32
Vpor2
2.2V
External
Power VCC
trth
trth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com