Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 419Page - Renesas Technology Corp R8C2K Datasheet HTML 420Page - Renesas Technology Corp R8C2K Datasheet HTML 421Page - Renesas Technology Corp R8C2K Datasheet HTML 422Page - Renesas Technology Corp R8C2K Datasheet HTML 423Page - Renesas Technology Corp R8C2K Datasheet HTML 424Page - Renesas Technology Corp R8C2K Datasheet HTML 425Page - Renesas Technology Corp R8C2K Datasheet HTML 426Page - Renesas Technology Corp R8C2K Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 471 page
background image
R8C/2K Group, R8C/2L Group
22. Electrical Characteristics
Rev.1.10
Dec 21, 2007
Page 406 of 450
REJ09B0406-0110
NOTES:
1.
VCC = 2.7 to 5.5 V at Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
Definition of programming/erasure endurance
The programming and erasure endurance is defined on a per-block basis.
If the programming and erasure endurance is n (n = 100 or 10,000), each block can be erased n times. For example, if 1,024
1-byte writes are performed to block A, a 1 Kbyte block, and then the block is erased, the programming/erasure endurance
still stands at one.
However, the same address must not be programmed more than once per erase operation (overwriting prohibited).
3.
Endurance to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
4.
Standard of block A and block B when program and erase endurance exceeds 1,000 times. Byte program time to 1,000 times
is the same as that in program ROM.
5.
In a system that executes multiple programming operations, the actual erasure count can be reduced by writing to sequential
addresses in turn so that as much of the block as possible is used up before performing an erase operation. For example,
when programming groups of 16 bytes, the effective number of rewrites can be minimized by programming up to 128 groups
before erasing them all in one operation. It is also advisable to retain data on the erase count of each block and limit the
number of erase operations to a certain number.
6.
If an error occurs during block erase, attempt to execute the clear status register command, then execute the block erase
command at least three times until the erase error does not occur.
7.
Customers desiring program/erase failure rate information should contact their Renesas technical support representative.
8.
−40°C for D version.
9.
The data hold time includes time that the power supply is off or the clock is not supplied.
Table 22.5
Flash Memory (Data flash Block A, Block B) Electrical Characteristics(4)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Program/erase endurance(2)
10,000(3)
−−
times
−
Byte program time
(program/erase endurance
≤ 1,000 times)
−
50
400
µs
−
Byte program time
(program/erase endurance
> 1,000 times)
−
65
−µs
−
Block erase time
(program/erase endurance
≤ 1,000 times)
−
0.2
9
s
−
Block erase time
(program/erase endurance
> 1,000 times)
−
0.3
−
s
td(SR-SUS)
Time delay from suspend request until
suspend
−−
97+CPU clock
× 6 cycles
µs
−
Interval from erase start/restart until
following suspend request
650
−−
µs
−
Interval from program start/restart until
following suspend request
0
−−
ns
−
Time from suspend until program/erase
restart
−−
3+CPU clock
× 4 cycles
µs
−
Program, erase voltage
2.7
−
5.5
V
−
Read voltage
2.2
−
5.5
V
−
Program, erase temperature
−20(8)
−
85
°C
−
Data hold time(9)
Ambient temperature = 55
°C20
−−
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com