Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 412Page - Renesas Technology Corp R8C2K Datasheet HTML 413Page - Renesas Technology Corp R8C2K Datasheet HTML 414Page - Renesas Technology Corp R8C2K Datasheet HTML 415Page - Renesas Technology Corp R8C2K Datasheet HTML 416Page - Renesas Technology Corp R8C2K Datasheet HTML 417Page - Renesas Technology Corp R8C2K Datasheet HTML 418Page - Renesas Technology Corp R8C2K Datasheet HTML 419Page - Renesas Technology Corp R8C2K Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 471 page
background image
R8C/2K Group, R8C/2L Group
21. Reducing Power Consumption
Rev.1.10
Dec 21, 2007
Page 399 of 450
REJ09B0406-0110
21.2.8
Reducing Internal Power Consumption
When the MCU enters wait mode using low-speed on-chip oscillator mode, internal power consumption can be
reduced by using the VCA20 bit in the VCA2 register. Figure 21.1 shows the Handling Procedure of Internal
Power Low Consumption Using VCA20 Bit. To enable internal power low consumption by the VCA20 bit,
follow Figure 21.1 Handling Procedure of Internal Power Low Consumption Using VCA20 Bit.
Figure 21.1
Handling Procedure of Internal Power Low Consumption Using VCA20 Bit
NOTES:
1. Execute this routine to handle all interrupts generated in wait mode.
However, this does not apply if it is not necessary to start the high-speed clock or high-speed on-chip oscillator during the interrupt routine.
2. Do not set the VCA20 bit to 0 with the instruction immediately after setting the VCA20 bit to 1. Also, do not do the opposite.
3. When the VCA20 bit is set to 1, do not set the CM10 bit to 1 (stop mode).
4. When entering wait mode, follow 10.6.2 Wait Mode.
Handling procedure of internal power
low consumption enabled by VCA20 bit
Enter low-speed on-chip oscillator mode
Stop XIN clock and high-speed on-chip
oscillator clock
VCA20
← 1 (internal power low consumption
enabled)(2, 3)
Enter wait mode(4)
VCA20
← 0 (internal power low consumption
disabled)(2)
Start XIN clock or high-speed on-chip
oscillator clock
(Wait until XIN clock oscillation stabilizes)
Enter high-speed clock mode or
high-speed on-chip oscillator mode
In interrupt routine
VCA20
← 0 (internal power low consumption
disabled)(2)
Start XIN clock or high-speed on-chip
oscillator clock
Enter high-speed clock mode or
high-speed on-chip oscillator mode
Enter low-speed on-chip oscillator mode
Exit wait mode by interrupt
Stop XIN clock and high-speed on-chip
oscillator clock
VCA20
← 1 (internal power low consumption
enabled)(2, 3)
Interrupt handling completed
Step (1)
Step (2)
Step (3)
Step (4)
Step (5)
Step (6)
Step (7)
Step (8)
Step (5)
Step (6)
Step (7)
Step (8)
(Wait until XIN clock oscillation stabilizes)
Step (1)
Step (2)
Step (3)
If it is necessary to start
the high-speed clock or
the high-speed on-chip
oscillator in the interrupt
routine, execute steps (5)
to (7) in the interrupt
routine.
If the high-speed clock or
high-speed on-chip
oscillator is started in the
interrupt routine, execute
steps (1) to (3) at the last of
the interrupt routine.
(Note 1)
Interrupt handling
VCA20: Bit in VCA2 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com