Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 399Page - Renesas Technology Corp R8C2K Datasheet HTML 400Page - Renesas Technology Corp R8C2K Datasheet HTML 401Page - Renesas Technology Corp R8C2K Datasheet HTML 402Page - Renesas Technology Corp R8C2K Datasheet HTML 403Page - Renesas Technology Corp R8C2K Datasheet HTML 404Page - Renesas Technology Corp R8C2K Datasheet HTML 405Page - Renesas Technology Corp R8C2K Datasheet HTML 406Page - Renesas Technology Corp R8C2K Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 386 of 450
REJ09B0406-0110
• Program Command
The program command writes data to the flash memory in 1-byte units.
When 40h is written and then data is written to the write address, an auto-program operation (data program
and verify) starts.
The FMR00 bit in the FMR0 register can be used to determine whether auto-programming has completed.
When suspend function disabled, the FMR00 bit is set to 0 during auto-programming and set to 1 when auto-
programming completes. When suspend function enabled, the FMR44 bit is set to 1 during auto-programming
and set to 0 when auto-programming completes.
The FMR06 bit in the FMR0 register can be used to determine the result of auto-programming after it has been
finished (refer to 20.4.2 Status Check Procedure).
Do not write additions to the already programmed addresses.
Also, when the FMR02 bit in the FMR0 register is set to 0 (rewrite disabled), or the FMR02 bit is set to 1
(rewrite enabled) and the FMR15 bit in the FMR1 register is set to 1 (rewrite disabled), program commands
targeting block 0 are not acknowledged.
In EW1 mode, do not execute this command for any address which a rewrite control program is allocated.
Figure 20.19 shows the Program Command in EW1 Mode (When Suspend Function Disabled). Figure 20.20
shows the Program Command in EW1 Mode (When Suspend Function Enabled).
Figure 20.19
Program Command in EW1 Mode (When Suspend Function Disabled)
Start
Write the command code 40h to
the write address
Write data to the write address
FMR00 = 1?
Full status check
Program completed
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com