Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 114Page - Renesas Technology Corp R8C2K Datasheet HTML 115Page - Renesas Technology Corp R8C2K Datasheet HTML 116Page - Renesas Technology Corp R8C2K Datasheet HTML 117Page - Renesas Technology Corp R8C2K Datasheet HTML 118Page - Renesas Technology Corp R8C2K Datasheet HTML 119Page - Renesas Technology Corp R8C2K Datasheet HTML 120Page - Renesas Technology Corp R8C2K Datasheet HTML 121Page - Renesas Technology Corp R8C2K Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 101 of 450
REJ09B0406-0110
12.1.5.2
Relocatable Vector Tables
The relocatable vector tables occupy 256 bytes beginning from the starting address set in the INTB register.
Table 12.2 lists the Relocatable Vector Tables.
NOTES:
1. These addresses are relative to those in the INTB register.
2. The I flag does not disable these interrupts.
Table 12.2
Relocatable Vector Tables
Interrupt Source
Vector Addresses(1)
Address (L) to Address (H)
Software
Interrupt
Number
Interrupt Control
Register
Reference
BRK instruction(2)
+0 to +3 (0000h to 0003h)
0
−
R8C/Tiny Series Software
Manual
(Reserved)
1 to 6
−−
Timer RC
+28 to +31 (001Ch to 001Fh)
7
TRCIC
16.3 Timer RC
Timer RD
(channel 0)
+32 to +35 (0020h to 0023h)
8
TRD0IC
16.4 Timer RD
Timer RD
(channel 1)
+36 to +39 (0024h to 0027h)
9
TRD1IC
(Reserved)
10
−−
UART2 transmit
+44 to +47 (002Ch to 002Fh)
11
S2TIC
17. Serial Interface
UART2 receive
+48 to +51 (0030h to 0033h)
12
S2RIC
Key input
+52 to +55 (0034h to 0037h)
13
KUPIC
12.3 Key Input Interrupt
A/D
+56 to +59 (0038h to 003Bh)
14
ADIC
19. A/D Converter
(Reserved)
15
−−
(Reserved)
16
−−
UART0 transmit
+68 to +71 (0044h to 0047h)
17
S0TIC
17. Serial Interface
UART0 receive
+72 to +75 (0048h to 004Bh)
18
S0RIC
(Reserved)
19
−
−
(Reserved)
20
−
−
(Reserved)
21
−−
Timer RA
+88 to +91 (0058h to 005Bh)
22
TRAIC
16.1 Timer RA
(Reserved)
23
−−
Timer RB
+96 to +99 (0060h to 0063h)
24
TRBIC
16.2 Timer RB
INT1
+100 to +103 (0064h to 0067h)
25
INT1IC
12.2 INT Interrupt
INT3
+104 to +107 (0068h to 006Bh)
26
INT3IC
(Reserved)
27
−−
(Reserved)
28
−−
INT0
+116 to +119 (0074h to 0077h)
29
INT0IC
12.2 INT Interrupt
(Reserved)
30
−−
(Reserved)
31
−−
Software interrupt(2)
+128 to +131 (0080h to 0083h) to
+252 to +255 (00FCh to 00FFh)
32 to 63
−
R8C/Tiny Series Software
Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com