Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 118Page - Renesas Technology Corp R8C2K Datasheet HTML 119Page - Renesas Technology Corp R8C2K Datasheet HTML 120Page - Renesas Technology Corp R8C2K Datasheet HTML 121Page - Renesas Technology Corp R8C2K Datasheet HTML 122Page - Renesas Technology Corp R8C2K Datasheet HTML 123Page - Renesas Technology Corp R8C2K Datasheet HTML 124Page - Renesas Technology Corp R8C2K Datasheet HTML 125Page - Renesas Technology Corp R8C2K Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 105 of 450
REJ09B0406-0110
12.1.6.1
I Flag
The I flag enables or disables maskable interrupts. Setting the I flag to 1 (enabled) enables maskable interrupts.
Setting the I flag to 0 (disabled) disables all maskable interrupts.
12.1.6.2
IR Bit
The IR bit is set to 1 (interrupt requested) when an interrupt request is generated. Then, when the interrupt
request is acknowledged and the CPU branches to the corresponding interrupt vector, the IR bit is set to 0 (=
interrupt not requested).
The IR bit can be set to 0 by a program. Do not write 1 to this bit.
However, the IR bit operations of the timer RD Interrupt, Clock Synchronous Serial I/O with Chip Select
Interrupt and the I2C bus Interface Interrupt are different. Refer to 12.5 Timer RC Interrupt, Timer RD
Interrupt (Interrupts with Multiple Interrupt Request Sources).
12.1.6.3
Bits ILVL2 to ILVL0 and IPL
Interrupt priority levels can be set using bits ILVL2 to ILVL0.
Table 12.3 lists the Settings of Interrupt Priority Levels and Table 12.4 lists the Interrupt Priority Levels
Enabled by IPL.
The following are conditions under which an interrupt is acknowledged:
• I flag = 1
• IR bit = 1
• Interrupt priority level > IPL
The I flag, IR bit, bits ILVL2 to ILVL0, and IPL are independent of each other. They do not affect one another.
Table 12.3
Settings of Interrupt Priority
Levels
ILVL2 to ILVL0
Bits
Interrupt Priority Level
Priority Order
000b
Level 0 (interrupt disabled)
−
001b
Level 1
Low
010b
Level 2
011b
Level 3
100b
Level 4
101b
Level 5
110b
Level 6
111b
Level 7
High
Table 12.4
Interrupt Priority Levels Enabled by
IPL
IPL
Enabled Interrupt Priority Levels
000b
Interrupt level 1 and above
001b
Interrupt level 2 and above
010b
Interrupt level 3 and above
011b
Interrupt level 4 and above
100b
Interrupt level 5 and above
101b
Interrupt level 6 and above
110b
Interrupt level 7 and above
111b
All maskable interrupts are disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com