Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 116Page - Renesas Technology Corp R8C2K Datasheet HTML 117Page - Renesas Technology Corp R8C2K Datasheet HTML 118Page - Renesas Technology Corp R8C2K Datasheet HTML 119Page - Renesas Technology Corp R8C2K Datasheet HTML 120Page - Renesas Technology Corp R8C2K Datasheet HTML 121Page - Renesas Technology Corp R8C2K Datasheet HTML 122Page - Renesas Technology Corp R8C2K Datasheet HTML 123Page - Renesas Technology Corp R8C2K Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 103 of 450
REJ09B0406-0110
Figure 12.4
Registers TRCIC, TRD0IC, and TRD1IC
Interrupt Control Register
(1)
Address
After Reset
0047h
XXXXX000b
0048h
XXXXX000b
TRD1IC
0049h
XXXXX000b
Bit Symbol
Function
RW
NOTE:
1.
Symbol
TRD0IC
TRCIC
Rew rite the interrupt control register w hen the interrupt request w hich is applicable for the register is not generated.
Refer to 12.6.5 Changing Interrupt Control Register Contents.
b3 b2 b1 b0
Bit Name
b7 b6 b5 b4
ILVL0
RW
b2 b1 b0
0 0 0 : Level 0 (interrupt disable)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
ILVL1
RW
ILVL2
RW
Interrupt priority level select bits
IR
0 : Requests no interrupt
1 : Requests interrupt
RO
—
(b7-b4)
—
Interrupt request bit
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com