Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 124Page - Renesas Technology Corp R8C2K Datasheet HTML 125Page - Renesas Technology Corp R8C2K Datasheet HTML 126Page - Renesas Technology Corp R8C2K Datasheet HTML 127Page - Renesas Technology Corp R8C2K Datasheet HTML 128Page - Renesas Technology Corp R8C2K Datasheet HTML 129Page - Renesas Technology Corp R8C2K Datasheet HTML 130Page - Renesas Technology Corp R8C2K Datasheet HTML 131Page - Renesas Technology Corp R8C2K Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 111 of 450
REJ09B0406-0110
12.2
INT Interrupt
12.2.1
INTi Interrupt (i = 0, 1, 3)
The INTi interrupt is generated by an INTi input. When using the INTi interrupt, the INTiEN bit in the INTEN
register is set to 1 (enable). The edge polarity is selected using the INTiPL bit in the INTEN register and the
POL bit in the INTiIC register.
Inputs can be passed through a digital filter with three different sampling clocks.
The INT0 pin is shared with the pulse output forced cutoff of timer RC and timer RD, and the external trigger
input of timer RB.
Figure 12.12 shows the PMR Register, Figure 12.13 shows the INTEN Register, Figure 12.14 shows the INTF
Register, and Figure 12.15 shows the TRAIOC Register.
Figure 12.12
PMR Register
Figure 12.13
INTEN Register
Port Mode Register
Symbol
Address
After Reset
PMR
00F8h
00h
RW
WO
Function
Set to “04h” w hen using INT3
_____
.
Do not set values other than “04h”.
When read, its content is undefined.
b0
b7
External Input Enable Register
Symbol
Address
After Reset
INTEN
00F9h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
input enable bit
INT0
_____
input polarity select bit(1,2)
INT1
_____
input enable bit
INT1
_____
input polarity select bit(1,2)
INT3
_____
input enable bit
INT3
_____
input polarity select bit(1,2)
NOTES:
1.
2.
0 : Disable
1 : Enable
RW
—
(b5-b4)
Set to 0.
RW
Reserved bit
When setting the INTiPL bit (i = 0, 1, 3) to 1 (both edges), set the POL bit in the INTiIC register to 0 (selects falling
edge).
The IR bit in the INTiIC register may be set to 1 (requests interrupt) w hen the INTiPL bit is rew ritten. Refer to 12.6.4
Changing Interrupt Sources.
0 : Disable
1 : Enable
0 : One edge
1 : Both edges
0 : One edge
1 : Both edges
RW
INT0PL
RW
INT1EN
0 : Disable
1 : Enable
RW
INT0EN
RW
INT1PL
0 : One edge
1 : Both edges
RW
INT3EN
00
INT3PL
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com