Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 125Page - Renesas Technology Corp R8C2K Datasheet HTML 126Page - Renesas Technology Corp R8C2K Datasheet HTML 127Page - Renesas Technology Corp R8C2K Datasheet HTML 128Page - Renesas Technology Corp R8C2K Datasheet HTML 129Page - Renesas Technology Corp R8C2K Datasheet HTML 130Page - Renesas Technology Corp R8C2K Datasheet HTML 131Page - Renesas Technology Corp R8C2K Datasheet HTML 132Page - Renesas Technology Corp R8C2K Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 112 of 450
REJ09B0406-0110
Figure 12.14
INTF Register
Figure 12.15
TRAIOC Register
INT
_____
Input Filter Select Register
Symbol
Address
After Reset
INTF
00FAh
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
input filter select bits
INT1
_____
input filter select bits
INT3
_____
input filter select bits
—
(b5-b4)
RW
Reserved bit
INT1F0
b3 b2
0 0 : No filter
0 1 : Filter w ith f1 sampling
1 0 : Filter w ith f8 sampling
1 1 : Filter w ith f32 sampling
RW
INT1F1
RW
INT3F1
INT3F0
00
RW
b1 b0
0 0 : No filter
0 1 : Filter w ith f1 sampling
1 0 : Filter w ith f8 sampling
1 1 : Filter w ith f32 sampling
RW
b7 b6
0 0 : No filter
0 1 : Filter w ith f1 sampling
1 0 : Filter w ith f8 sampling
1 1 : Filter w ith f32 sampling
Set to 0.
b3 b2 b1 b0
b7 b6 b5 b4
INT0F0
RW
INT0F1
RW
Timer RA I/O Control Register
Symbol
Address
After Reset
TRAIOC
0101h
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/TRAIO select bit
0 : INT1
_____
/TRAIO pin (P1_7)
1 : INT1
_____
/TRAIO pin (P1_5)
Set to 0.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Reserved bit
TRAIO input filter select bits
Function varies depending on operating mode.
RW
TRAIO polarity sw itch bit
TRAIO output control bit
Function varies depending on operating mode.
—
(b7-b6)
—
TOPCR
RW
—
(b2)
RW
RW
TIPF0
RW
TIPF1
b7 b6 b5 b4 b3 b2
TIOSEL
b1 b0
0
TEDGSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com