Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 126Page - Renesas Technology Corp R8C2K Datasheet HTML 127Page - Renesas Technology Corp R8C2K Datasheet HTML 128Page - Renesas Technology Corp R8C2K Datasheet HTML 129Page - Renesas Technology Corp R8C2K Datasheet HTML 130Page - Renesas Technology Corp R8C2K Datasheet HTML 131Page - Renesas Technology Corp R8C2K Datasheet HTML 132Page - Renesas Technology Corp R8C2K Datasheet HTML 133Page - Renesas Technology Corp R8C2K Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 113 of 450
REJ09B0406-0110
12.2.2
INTi Input Filter (i = 0, 1, 3)
The INTi input contains a digital filter. The sampling clock is selected by bits INTiF1 to INTiF0 in the INTF
register.
The INTi level is sampled every sampling clock cycle and if the sampled input level matches three times, the IR
bit in the INTiIC register is set to 1 (interrupt requested).
Figure 12.16 shows the Configuration of INTi Input Filter. Figure 12.17 shows an Operating Example of INTi
Input Filter.
Figure 12.16
Configuration of INTi Input Filter
Figure 12.17
Operating Example of INTi Input Filter
INTiF0, INTiF1: Bits in INTF register
INTiEN, INTiPL: Bits in INTEN register
i = 0, 1, 3
= 01b
INTi
Port direction
register(1)
Sampling clock
Digital filter
(input level
matches 3x)
INTi interrupt
= 10b
= 11b
f32
f8
f1
INTiF1 to INTiF0
INTiEN
Other than
INTiF1 to INTiF0
= 00b
= 00b
INTiPL = 0
INTiPL = 1
NOTE:
1. INT0: Port P4_5 direction register
INT1: Port P1_5 direction register when using the P1_5 pin
Port P1_7 direction register when using the P1_7 pin
INT3: Port P3_3 direction register
Both edges
detection
circuit
INTi input
Sampling
timing
IR bit in
INTiIC register
Set to 0 by a program
This is an operation example when bits INTiF1 to INTiF0 in the
INTiF register are set to 01b, 10b, or 11b (digital filter enabled).
i = 0, 1, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com