Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 130Page - Renesas Technology Corp R8C2K Datasheet HTML 131Page - Renesas Technology Corp R8C2K Datasheet HTML 132Page - Renesas Technology Corp R8C2K Datasheet HTML 133Page - Renesas Technology Corp R8C2K Datasheet HTML 134Page - Renesas Technology Corp R8C2K Datasheet HTML 135Page - Renesas Technology Corp R8C2K Datasheet HTML 136Page - Renesas Technology Corp R8C2K Datasheet HTML 137Page - Renesas Technology Corp R8C2K Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 117 of 450
REJ09B0406-0110
Figure 12.20
Registers AIER and RMAD0 to RMAD1
Address Match Interrupt Enable Register
Symbol
Address
After Reset
AIER
0013h
00h
Bit Symbol
Bit Name
Function
RW
—
(b7-b2)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
b7 b6 b5 b4
0 : Disable
1 : Enable
RW
b3 b2 b1 b0
Address match interrupt 0 enable bit 0 : Disable
1 : Enable
RW
AIER1
Address match interrupt 1 enable bit
AIER0
Address Match Interrupt Register i (i = 0 or 1)
b0
Symbol
Address
After Reset
RMAD0
0012h-0010h
000000h
RMAD1
0016h-0014h
000000h
Setting Range
RW
(b23)
b7
—
—
(b7-b4)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Address setting register for address match interrupt
00000h to FFFFFh
Function
RW
(b19)
b3
(b15)
b7
(b8)
b0 b7
(b16)
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com