Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 132Page - Renesas Technology Corp R8C2K Datasheet HTML 133Page - Renesas Technology Corp R8C2K Datasheet HTML 134Page - Renesas Technology Corp R8C2K Datasheet HTML 135Page - Renesas Technology Corp R8C2K Datasheet HTML 136Page - Renesas Technology Corp R8C2K Datasheet HTML 137Page - Renesas Technology Corp R8C2K Datasheet HTML 138Page - Renesas Technology Corp R8C2K Datasheet HTML 139Page - Renesas Technology Corp R8C2K Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 119 of 450
REJ09B0406-0110
As with other maskable interrupts, the timer RC interrupt, timer RD (channel 0) interrupt, and timer RD (channel 1)
interrupt are controlled by the combination of the I flag, IR bit, bits ILVL0 to ILVL2, and IPL. However, since each
interrupt source is generated by a combination of multiple interrupt request sources, the following differences from
other maskable interrupts apply:
• When bits in the enable register corresponding to bits set to 1 in the status register are set to 1 (enable interrupt),
the IR bit in the interrupt control register is set to 1 (interrupt requested).
• When either bits in the status register or bits in the enable register corresponding to bits in the status register, or
both, are set to 0, the IR bit is set to 0 (interrupt not requested). Basically, even though the interrupt is not
acknowledged after the IR bit is set to 1, the interrupt request will not be maintained. Also, the IR bit is not set to
0 even if 0 is written to the IR bit.
• Individual bits in the status register are not automatically set to 0 even if the interrupt is acknowledged. Therefore,
the IR bit is also not automatically set to 0 when the interrupt is acknowledged. Set each bit in the status register
to 0 in the interrupt routine. Refer to the status register figure for how to set individual bits in the status register to
0.
• When multiple bits in the enable register are set to 1 and other request sources are generated after the IR bit is set
to 1, the IR bit remains 1.
• When multiple bits in the enable register are set to 1, determine by the status register which request source causes
an interrupt.
Refer to chapters of the individual peripheral functions (16.3 Timer RC and 16.4 Timer RD) for the status register
and enable register.
Refer to 12.1.6 Interrupt Control for the interrupt control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com