Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 133Page - Renesas Technology Corp R8C2K Datasheet HTML 134Page - Renesas Technology Corp R8C2K Datasheet HTML 135Page - Renesas Technology Corp R8C2K Datasheet HTML 136Page - Renesas Technology Corp R8C2K Datasheet HTML 137Page - Renesas Technology Corp R8C2K Datasheet HTML 138Page - Renesas Technology Corp R8C2K Datasheet HTML 139Page - Renesas Technology Corp R8C2K Datasheet HTML 140Page - Renesas Technology Corp R8C2K Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 120 of 450
REJ09B0406-0110
12.6
Notes on Interrupts
12.6.1
Reading Address 00000h
Do not read address 00000h by a program. When a maskable interrupt request is acknowledged, the CPU reads
interrupt information (interrupt number and interrupt request level) from 00000h in the interrupt sequence. At
this time, the acknowledged interrupt IR bit is set to 0.
If address 00000h is read by a program, the IR bit for the interrupt which has the highest priority among the
enabled interrupts is set to 0. This may cause the interrupt to be canceled, or an unexpected interrupt to be
generated.
12.6.2
SP Setting
Set any value in the SP before an interrupt is acknowledged. The SP is set to 0000h after reset. Therefore, if an
interrupt is acknowledged before setting a value in the SP, the program may run out of control.
12.6.3
External Interrupt and Key Input Interrupt
Either “L” level or an “H” level of width shown in the Electrical Characteristics is necessary for the signal input
to pins INT0, INT1, INT3 and pins KI0 to KI3, regardless of the CPU clock.
For details, refer to Table 22.19 (VCC = 5V), Table 22.25 (VCC = 3V), Table 22.31 (VCC = 2.2V) External
Interrupt INTi (i = 0, 1, 3) Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com