Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 135Page - Renesas Technology Corp R8C2K Datasheet HTML 136Page - Renesas Technology Corp R8C2K Datasheet HTML 137Page - Renesas Technology Corp R8C2K Datasheet HTML 138Page - Renesas Technology Corp R8C2K Datasheet HTML 139Page - Renesas Technology Corp R8C2K Datasheet HTML 140Page - Renesas Technology Corp R8C2K Datasheet HTML 141Page - Renesas Technology Corp R8C2K Datasheet HTML 142Page - Renesas Technology Corp R8C2K Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 122 of 450
REJ09B0406-0110
12.6.5
Changing Interrupt Control Register Contents
(a) The contents of an interrupt control register can only be changed while no interrupt requests corresponding
to that register are generated. If interrupt requests may be generated, disable interrupts before changing the
interrupt control register contents.
(b) When changing the contents of an interrupt control register after disabling interrupts, be careful to choose
appropriate instructions.
Changing any bit other than IR bit
If an interrupt request corresponding to a register is generated while executing the instruction, the IR bit
may not be set to 1 (interrupt requested), and the interrupt request may be ignored. If this causes a problem,
use the following instructions to change the register: AND, OR, BCLR, BSET
Changing IR bit
If the IR bit is set to 0 (interrupt not requested), it may not be set to 0 depending on the instruction used.
Therefore, use the MOV instruction to set the IR bit to 0.
(c) When disabling interrupts using the I flag, set the I flag as shown in the sample programs below. Refer to
(b) regarding changing the contents of interrupt control registers by the sample programs.
Sample programs 1 to 3 are for preventing the I flag from being set to 1 (interrupts enabled) before the interrupt
control register is changed for reasons of the internal bus or the instruction queue buffer.
Example 1:
Use NOP instructions to prevent I flag from being set to 1 before interrupt control register
is changed
INT_SWITCH1:
FCLR
I
; Disable interrupts
AND.B
#00H,0056H
; Set TRAIC register to 00h
NOP
;
NOP
FSET
I
; Enable interrupts
Example 2:
Use dummy read to delay FSET instruction
INT_SWITCH2:
FCLR
I
; Disable interrupts
AND.B
#00H,0056H
; Set TRAIC register to 00h
MOV.W MEM,R0
; Dummy read
FSET
I
; Enable interrupts
Example 3:
Use POPC instruction to change I flag
INT_SWITCH3:
PUSHC
FLG
FCLR
I
; Disable interrupts
AND.B
#00H,0056H
; Set TRAIC register to 00h
POPC
FLG
; Enable interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com