Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 129Page - Renesas Technology Corp R8C2K Datasheet HTML 130Page - Renesas Technology Corp R8C2K Datasheet HTML 131Page - Renesas Technology Corp R8C2K Datasheet HTML 132Page - Renesas Technology Corp R8C2K Datasheet HTML 133Page - Renesas Technology Corp R8C2K Datasheet HTML 134Page - Renesas Technology Corp R8C2K Datasheet HTML 135Page - Renesas Technology Corp R8C2K Datasheet HTML 136Page - Renesas Technology Corp R8C2K Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 116 of 450
REJ09B0406-0110
12.4
Address Match Interrupt
An address match interrupt request is generated immediately before execution of the instruction at the address
indicated by the RMADi register (i = 0 or 1). This interrupt is used as a break function by the debugger. When
using the on-chip debugger, do not set an address match interrupt (registers of AIER, RMAD0, and RMAD1 and
fixed vector tables) in a user system.
Set the starting address of any instruction in the RMADi register. Bits AIER0 and AIER1 in the AIER0 register can
be used to select enable or disable of the interrupt. The I flag and IPL do not affect the address match interrupt.
The value of the PC (Refer to 12.1.6.7 Saving a Register for the value of the PC) which is saved to the stack when
an address match interrupt is acknowledged varies depending on the instruction at the address indicated by the
RMADi register. (The appropriate return address is not saved on the stack.) When returning from the address match
interrupt, return by one of the following means:
• Change the content of the stack and use the REIT instruction.
• Use an instruction such as POP to restore the stack as it was before the interrupt request was acknowledged. Then
use a jump instruction.
Table 12.6 lists the Values of PC Saved to Stack when Address Match Interrupt is Acknowledged.
Figure 12.20 shows Registers AIER and RMAD0 to RMAD1.
NOTES:
1. Refer to the 12.1.6.7 Saving a Register for the PC value saved.
2. Operation code: Refer to the R8C/Tiny Series Software Manual (REJ09B0001).
Chapter 4. Instruction Code/Number of Cycles contains diagrams showing
operation code below each syntax. Operation code is shown in the bold frame in
the diagrams.
Table 12.6
Values of PC Saved to Stack when Address Match Interrupt is Acknowledged
Address Indicated by RMADi Register (i = 0 or 1)
PC Value Saved(1)
• Instruction with 2-byte operation code(2)
• Instruction with 1-byte operation code(2)
ADD.B:S
#IMM8,dest
SUB.B:S
#IMM8,dest
AND.B:S
#IMM8,dest
OR.B:S
#IMM8,dest
MOV.B:S
#IMM8,dest
STZ
#IMM8,dest
STNZ
#IMM8,dest
STZX
#IMM81,#IMM82,dest
CMP.B:S
#IMM8,dest
PUSHM
src
POPM
dest
JMPS
#IMM8
JSRS
#IMM8
MOV.B:S
#IMM,dest (however, dest = A0 or A1)
Address indicated by
RMADi register + 2
• Instructions other than the above
Address indicated by
RMADi register + 1
Table 12.7
Correspondence Between Address Match Interrupt Sources and Associated Registers
Address Match Interrupt Source Address Match Interrupt Enable Bit Address Match Interrupt Register
Address match interrupt 0
AIER0
RMAD0
Address match interrupt 1
AIER1
RMAD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com