Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 232Page - Renesas Technology Corp R8C2K Datasheet HTML 233Page - Renesas Technology Corp R8C2K Datasheet HTML 234Page - Renesas Technology Corp R8C2K Datasheet HTML 235Page - Renesas Technology Corp R8C2K Datasheet HTML 236Page - Renesas Technology Corp R8C2K Datasheet HTML 237Page - Renesas Technology Corp R8C2K Datasheet HTML 238Page - Renesas Technology Corp R8C2K Datasheet HTML 239Page - Renesas Technology Corp R8C2K Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 219 of 450
REJ09B0406-0110
X: can be 0 or 1, no change in outcome
NOTE:
1.
Set the PD2_6 bit in the PD2 register to 0 (input mode) at timer mode trigger input (input capture function).
X: can be 0 or 1, no change in outcome
NOTE:
1.
Set the PD2_7 bit in the PD2 register to 0 (input mode) at timer mode trigger input (input capture function).
Table 16.32
Pin Functions TRDIOC1(P2_6)
Register
TRDOER1
TRDFCR
TRDPMR
TRDIORC1
Function
Bit
EC1
PWM3 CMD1, CMD0
PWMC1
IOC2_IOC0
Setting
value
0X
1
Xb
X
XXXb
Complementary PWM mode waveform output
0
X
01b
X
XXXb
Reset synchronous PWM mode waveform output
0
1
00b
1
XXXb
PWM mode waveform output
0
1
00b
0
001b, 01
Xb
Timer mode waveform output (output compare function)
X
1
00b
0
1XXb
Timer mode trigger input (input capture function)(1)
Other than above
I/O port
Table 16.33
Pin Functions TRDIOD1(P2_7)
Register
TRDOER1
TRDFCR
TRDPMR
TRDIORC1
Function
Bit
ED1
PWM3 CMD1, CMD0
PWMD1
IOD2_IOD0
Setting
value
0X
1
Xb
X
XXXb
Complementary PWM mode waveform output
0
X
01b
X
XXXb
Reset synchronous PWM mode waveform output
0
1
00b
1
XXXb
PWM mode waveform output
0
1
00b
0
001b, 01
Xb
Timer mode waveform output (output compare function)
X
1
00b
0
1XXb
Timer mode trigger input (input capture function)(1)
Other than above
I/O port
Table 16.34
Pin Functions INT0(P4_5)
Register
TRDOER2
INTEN
PD4
Function
Bit
PTO
INT0PL
INT0EN
PD4_5
Setting
value
10
1
0
Pulse output forced cutoff signal input
Other than above
I/O port or INT0 interrupt input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com