Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 236Page - Renesas Technology Corp R8C2K Datasheet HTML 237Page - Renesas Technology Corp R8C2K Datasheet HTML 238Page - Renesas Technology Corp R8C2K Datasheet HTML 239Page - Renesas Technology Corp R8C2K Datasheet HTML 240Page - Renesas Technology Corp R8C2K Datasheet HTML 241Page - Renesas Technology Corp R8C2K Datasheet HTML 242Page - Renesas Technology Corp R8C2K Datasheet HTML 243Page - Renesas Technology Corp R8C2K Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 223 of 450
REJ09B0406-0110
Figure 16.66
Buffer Operation in Output Compare Function
Perform the following for the timer mode (input capture and output compare functions).
When using the TRDGRCi (i = 0 or 1) register as the buffer register of the TRDGRAi register
• Set the IOC3 bit in the TRDIORCi register to 1 (general register or buffer register).
• Set the IOC2 bit in the TRDIORCi register to the same value as the IOA2 bit in the TRDIORAi register.
When using the TRDGRDi register as the buffer register of the TRDGRBi register
• Set the IOD3 bit in the TRDIORDi register to 1 (general register or buffer register).
• Set the IOD2 bit in the TRDIORCi register to the same value as the IOB2 bit in the TRDIORAi register.
Bits IMFC and IMFD in the TRDSRi register are set to 1 at the input edge of the TRDIOCi pin when also using
registers TRDGRCi and TRDGRDi as the buffer register in the input capture function.
When also using registers TRDGRCi and TRDGRDi as buffer registers for the output compare function, reset
synchronous PWM mode, complementary PWM mode, and PWM3 mode, bits IMFC and IMFD in the TRDSRi
register are set to 1 by a compare match with the TRDi register.
mn
TRDGRAi register
m-1
m+1
TRDi register
i = 0 or 1
The above applies under the following conditions:
• BFCi bit in the TRDMR register is set to 1 (the TRDGRCi register is used as the buffer register of
the TRDGRAi register).
• Bits IOA2 to IOA0 in the TRDIORAi register are set to 001b (“L” output by the compare match).
n
Transfer
TRDGRCi register
(buffer)
m
TRDIOAi output
TRDGRCi register
(buffer)
TRDGRAi
register
Comparator
TRDi
Compare match signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com