Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 240Page - Renesas Technology Corp R8C2K Datasheet HTML 241Page - Renesas Technology Corp R8C2K Datasheet HTML 242Page - Renesas Technology Corp R8C2K Datasheet HTML 243Page - Renesas Technology Corp R8C2K Datasheet HTML 244Page - Renesas Technology Corp R8C2K Datasheet HTML 245Page - Renesas Technology Corp R8C2K Datasheet HTML 246Page - Renesas Technology Corp R8C2K Datasheet HTML 247Page - Renesas Technology Corp R8C2K Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 227 of 450
REJ09B0406-0110
16.4.5
Input Capture Function
The input capture function measures the external signal width and period. The content of the TRDi register
(counter) is transferred to the TRDGRji register as a trigger of the TRDIOji (i = 0 or 1, j = either A, B, C, or D)
pin external signal (input capture). Since this function is enabled with a combination of the TRDIOji pin and
TRDGRji register, the input capture function, or any other mode or function, can be selected for each individual
pin.
The TRDGRA0 register can also select fOCO128 signal as input-capture trigger input.
Figure 16.69 shows a Block Diagram of Input Capture Function, Table 16.37 lists the Input Capture Function
Specifications. Figures 16.70 to 16.80 show the Registers Associated with Input Capture Function, and Figure
16.81 shows an Operating Example of Input Capture Function.
Figure 16.69
Block Diagram of Input Capture Function
i = 0 or 1
NOTE 1: When the BFCi bit in the TRDMR register is set to 1 (the TRDGRCi register is used as the buffer register of the
TRDGRAi register).
NOTE 2: When the BFDi bit in the TRDMR register is set to 1 (the TRDGRDi register is used as the buffer register of the
TRDGRBi register).
TRDGRAi
register
TRDi register
Input capture signal
TRDIOAi(3)
TRDGRCi
register
TRDGRBi
register
Input capture signal
TRDGRDi
register
TRDIOBi
(Note 1)
(Note 2)
TRDIOCi
TRDIODi
NOTE 3: The trigger input of the TRDGRA0 register
can select the TRDIOA0 pin input or
fOCO128 signal.
TRDIOA0
Divided
by 128
IOA3 = 0
IOA3 = 1
fOCO
fOCO128
Input capture
signal
Input capture signal
Input capture signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com