Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 242Page - Renesas Technology Corp R8C2K Datasheet HTML 243Page - Renesas Technology Corp R8C2K Datasheet HTML 244Page - Renesas Technology Corp R8C2K Datasheet HTML 245Page - Renesas Technology Corp R8C2K Datasheet HTML 246Page - Renesas Technology Corp R8C2K Datasheet HTML 247Page - Renesas Technology Corp R8C2K Datasheet HTML 248Page - Renesas Technology Corp R8C2K Datasheet HTML 249Page - Renesas Technology Corp R8C2K Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 229 of 450
REJ09B0406-0110
Figure 16.70
Registers TRDSTR and TRDMR in Input Capture Function
Timer RD Start Register
(1)
Symbol
Address
After Reset
TRDSTR
0137h
11111100b
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
RW
TSTART1
RW
TRD1 count start flag
0 : Count stops
1 : Count starts
TRD0 count start flag
0 : Count stops
1 : Count starts
—
(b7-b4)
CSEL0
11
TSTART0
b7 b6 b5 b4
Set to 1 in the input capture function.
TRD1 count operation select bit
Set to 1 in the input capture function.
Set the TRDSTR register using the MOV instruction (do not use the bit handling instruction). Refer to 16.4.12.1
TRDSTR Register of Notes on Tim er RD.
RW
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
—
TRD0 count operation select bit
b3 b2
CSEL1
b1 b0
Timer RD Mode Register
Symbol
Address
After Reset
TRDMR
0138h
00001110b
Bit Symbol
Bit Name
Function
RW
RW
BFC1
BFD1
TRDGRD1 register function select
bit
0 : General register
1 : Buffer register of TRDGRB1 register
TRDGRC0 register function select
bit
0 : General register
1 : Buffer register of TRDGRA0 register
BFC0
RW
RW
TRDGRD0 register function select
bit
0 : General register
1 : Buffer register of TRDGRB0 register
TRDGRC1 register function select
bit
0 : General register
1 : Buffer register of TRDGRA1 register
RW
RW
—
(b3-b1)
—
Timer RD synchronous bit
0 : Registers TRD0 and TRD1
operate independently
1 : Registers TRD0 and TRD1
operate synchronously
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
b7 b6 b5 b4 b3 b2
BFD0
b1 b0
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com