Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 245Page - Renesas Technology Corp R8C2K Datasheet HTML 246Page - Renesas Technology Corp R8C2K Datasheet HTML 247Page - Renesas Technology Corp R8C2K Datasheet HTML 248Page - Renesas Technology Corp R8C2K Datasheet HTML 249Page - Renesas Technology Corp R8C2K Datasheet HTML 250Page - Renesas Technology Corp R8C2K Datasheet HTML 251Page - Renesas Technology Corp R8C2K Datasheet HTML 252Page - Renesas Technology Corp R8C2K Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 232 of 450
REJ09B0406-0110
Figure 16.73
Registers TRDDF0 to TRDDF1 in Input Capture Function
Timer RD Digital Filter Function Select Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDDF0
TRDDF1
013Eh
013Fh
00h
00h
Bit Symbol
Bit Name
Function
RW
—
(b5-b4)
DFCK0
RW
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Clock select bits for digital filter
function
DFCK1
RW
b7 b6
0 0 : f32
0 1 : f8
1 0 : f1
1 1 : Count source (clock selected by
bits TCK2 to TCK0 in the
TRDCRi register)
b3 b2
DFD
b1 b0
DFC
b7 b6 b5 b4
RW
DFB
RW
DFA
TRDIOA pin digital filter function
select bit
0 : Function is not used
1 : Function is used
TRDIOB pin digital filter function
select bit
0 : Function is not used
1 : Function is used
RW
RW
TRDIOD pin digital filter function
select bit
0 : Function is not used
1 : Function is used
TRDIOC pin digital filter function
select bit
0 : Function is not used
1 : Function is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com