Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 248Page - Renesas Technology Corp R8C2K Datasheet HTML 249Page - Renesas Technology Corp R8C2K Datasheet HTML 250Page - Renesas Technology Corp R8C2K Datasheet HTML 251Page - Renesas Technology Corp R8C2K Datasheet HTML 252Page - Renesas Technology Corp R8C2K Datasheet HTML 253Page - Renesas Technology Corp R8C2K Datasheet HTML 254Page - Renesas Technology Corp R8C2K Datasheet HTML 255Page - Renesas Technology Corp R8C2K Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 235 of 450
REJ09B0406-0110
Figure 16.76
Registers TRDIORC0 to TRDIORC1 in Input Capture Function
Timer RD I/O Control Register Ci (i = 0 or 1)
Symbol
Address
After Reset
TRDIORC0
TRDIORC1
0142h
0152h
10001000b
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
To select 1 (the TRDGRCi register is used as a buffer register of the TRDGRAi register) for this bit by the BFCi bit in
the TRDMR register, set the IOC2 bit in the TRDIORCi register to the same value as the IOA2 bit in the TRDIORAi
register.
RW
IOD0
IOD1
RW
Set to 1 (general register or buffer register) in
the input capture function.
To select 1 (the TRDGRDi register is used as a buffer register of the TRDGRBi register) for this bit by the BFDi bit in
the TRDMR register, set the IOD2 bit in the TRDIORCi register to the same value as the IOB2 bit in the TRDIORAi
register.
TRDGRD mode select bit(2)
Set to 1 (input capture) in the input capture
function.
RW
IOD3
IOD2
RW
TRDGRD control bits
b5 b4
0 0 : Input capture to the TRDGRDi register
at the rising edge
0 1 : Input capture to the TRDGRDi register
at the falling edge
1 0 : Input capture to the TRDGRDi register
at both edges
1 1 : Do not set.
TRDGRD register function
select bit
b3 b2
IOC3
b1 b0
11
IOC2
11
b7 b6 b5 b4
RW
RW
IOC1
IOC0
TRDGRC control bits
b1 b0
0 0 : Input capture to the TRDGRCi register
at the rising edge
0 1 : Input capture to the TRDGRCi register
at the falling edge
1 0 : Input capture to the TRDGRCi register
at both edges
1 1 : Do not set.
TRDGRC mode select bit(1)
Set to 1 (input capture) in the input capture
function.
RW
TRDGRC register function
select bit
Set to 1 (general register or buffer register) in
the input capture function.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com