Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 252Page - Renesas Technology Corp R8C2K Datasheet HTML 253Page - Renesas Technology Corp R8C2K Datasheet HTML 254Page - Renesas Technology Corp R8C2K Datasheet HTML 255Page - Renesas Technology Corp R8C2K Datasheet HTML 256Page - Renesas Technology Corp R8C2K Datasheet HTML 257Page - Renesas Technology Corp R8C2K Datasheet HTML 258Page - Renesas Technology Corp R8C2K Datasheet HTML 259Page - Renesas Technology Corp R8C2K Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 239 of 450
REJ09B0406-0110
Figure 16.81
Operating Example of Input Capture Function
Set to 0 by a program
Transfer
i = 0 or 1
The above applies under the following conditions:
Bits CCLR2 to CCLR0 in the TRDCRi register are set to 001b. (the TRDi register set to 0000h by TRDGRAi register input capture).
Bits TCK2 to TCK0 in the TRDCRi register are set to 101b (TRDCLK input for the count source).
Bits CKEG1 to CKEG0 in the TRDCRi register are set to 01b (count at the falling edge for the count source).
Bits IOA2 to IOA0 in the TRDIORAi register are set to 101b (input capture at the falling edge of the TRDIOAi input).
The BFCi bit in the TRDMR register is set to 1 (the TRDGRCi register is used as the buffer register of the TRDGRAi register).
Count value
in TRDi register
FFFFh
0009h
0006h
TSTARTi bit in
TRDSTR register
65536
TRDGRAi register
0000h
1
0
TRDIOAi input
TRDGRCi register
IMFA bit in
TRDSRi register
OVF bit in
TRDSRi register
0009h
0006h
0006h
1
0
1
0
TRDCLK input
count source
Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com