Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 251Page - Renesas Technology Corp R8C2K Datasheet HTML 252Page - Renesas Technology Corp R8C2K Datasheet HTML 253Page - Renesas Technology Corp R8C2K Datasheet HTML 254Page - Renesas Technology Corp R8C2K Datasheet HTML 255Page - Renesas Technology Corp R8C2K Datasheet HTML 256Page - Renesas Technology Corp R8C2K Datasheet HTML 257Page - Renesas Technology Corp R8C2K Datasheet HTML 258Page - Renesas Technology Corp R8C2K Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 238 of 450
REJ09B0406-0110
Figure 16.80
Registers TRDGRAi, TRDGRBi, TRDGRCi, and TRDGRDi in Input Capture Function
The following registers are disabled in the input capture function: TRDOER1, TRDOER2, TRDOCR,
TRDPOCR0, and TRDPOCR1.
i = 0 or 1, j = either A, B, C, or D
BFCi, BFDi: Bits in TRDMR register
Set the pulse width of the input capture signal applied to the TRDIOji pin to 3 cycles or more of the timer RD
operation clock (refer to Table 16.25 Timer RD Operation Clocks) for no digital filter (the DFj bit in the
TRDDFi register set to 0).
Table 16.38
TRDGRji Register Functions in Input Capture Function
Register
Setting
Register Function
Input-Capture Input Pin
TRDGRAi
−
General register
The value in the TRDi register can be read at input
capture.
TRDIOAi
TRDGRBi
TRDIOBi
TRDGRCi
BFCi = 0
General register
The value in the TRDi register can be read at input
capture.
TRDIOCi
TRDGRDi
BFDi = 0
TRDIODi
TRDGRCi
BFCi = 1
Buffer register
The value in the TRDi register can be read at input
capture. (Refer to 16.4.2 Buffer Operation)
TRDIOAi
TRDGRDi
BFDi = 1
TRDIOBi
Timer RD General Registers Ai, Bi, Ci, and Di (i = 0 or 1)
(1)
Symbol
Address
After Reset
TRDGRA0
TRDGRB0
TRDGRC0
TRDGRD0
TRDGRA1
TRDGRB1
TRDGRC1
TRDGRD1
0149h-0148h
014Bh-014Ah
014Dh-014Ch
014Fh-014Eh
0159h-0158h
015Bh-015Ah
015Dh-015Ch
015Fh-015Eh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
RW
NOTE:
1.
(b8)
b0
(b15)
b7
b0
b7
RW
Function
Refer to Table 16.38 TRDGRji Register Functions in Input Capture Function
Access registers TRDGRAi to TRDGRDi in 16-bit units. Do not access them in 8-bit units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com