Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 254Page - Renesas Technology Corp R8C2K Datasheet HTML 255Page - Renesas Technology Corp R8C2K Datasheet HTML 256Page - Renesas Technology Corp R8C2K Datasheet HTML 257Page - Renesas Technology Corp R8C2K Datasheet HTML 258Page - Renesas Technology Corp R8C2K Datasheet HTML 259Page - Renesas Technology Corp R8C2K Datasheet HTML 260Page - Renesas Technology Corp R8C2K Datasheet HTML 261Page - Renesas Technology Corp R8C2K Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 241 of 450
REJ09B0406-0110
16.4.6
Output Compare Function
This function detects matches (compare match) between the content of the TRDGRji (j = either A, B, C, or D)
register and the content of the TRDi (i = 0 or 1) register. When the content matches, a user-set level is output
from the TRDIOji pin. Since this function is enabled with a combination of the TRDIOji pin and TRDGRji
register, the output compare function, or any other mode or function, can be selected for each individual pin.
Figure 16.83 shows a Block Diagram of Output Compare Function, Table 16.39 lists the Output Compare
Function Specifications. Figures 16.84 to 16.95 list the Registers Associated with Output Compare Function,
and Figure 16.96 shows an Operating Example of Output Compare Function.
Figure 16.83
Block Diagram of Output Compare Function
TRDIOA0
Output
control
Comparator
TRDGRA0
TRD0
TRDIOC0
Output
control
Comparator
TRDGRC0
Compare match signal
TRDIOB0
Output
control
Comparator
TRDGRB0
TRDIOD0
Output
control
Comparator
TRDGRD0
Channel 0
TRDIOA1
Output
control
Comparator
TRDGRA1
TRD1
TRDIOC1
Output
control
Comparator
TRDGRC1
TRDIOB1
Output
control
Comparator
TRDGRB1
TRDIOD1
Output
control
Comparator
TRDGRD1
Channel 1
Compare match signal
Compare match signal
Compare match signal
Compare match signal
Compare match signal
Compare match signal
Compare match signal
IOC3 = 0 in
TRDIORC0 register
IOC3 = 1
IOD3 = 0 in
TRDIORD0 register
IOD3 = 1
IOC3 = 0 in
TRDIORC1 register
IOC3 = 1
IOD3 = 0 in
TRDIORD1 register
IOD3 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com