Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 258Page - Renesas Technology Corp R8C2K Datasheet HTML 259Page - Renesas Technology Corp R8C2K Datasheet HTML 260Page - Renesas Technology Corp R8C2K Datasheet HTML 261Page - Renesas Technology Corp R8C2K Datasheet HTML 262Page - Renesas Technology Corp R8C2K Datasheet HTML 263Page - Renesas Technology Corp R8C2K Datasheet HTML 264Page - Renesas Technology Corp R8C2K Datasheet HTML 265Page - Renesas Technology Corp R8C2K Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 245 of 450
REJ09B0406-0110
Figure 16.86
TRDFCR Register in Output Compare Function
Timer RD Function Control Register
Symbol
Address
After Reset
TRDFCR
013Ah
10000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
STCLK
External clock input select bit
0 : External clock input disabled
1 : External clock input enabled
RW
RW
PWM3
RW
ADTRG
ADEG
A/D trigger edge select bit
(in complementary PWM mode)
This bit is disabled in the output compare
function.
RW
PWM3 mode select bit(2)
Set this bit to 1 (other than PWM3 mode) in
the output compare function.
Normal-phase output level select bit
(in reset synchronous PWM mode or
complementary PWM mode)
This bit is disabled in the output compare
function.
Set bits CMD1 to CMD0 w hen both the TSTART0 and TSTART1 bits are set to 0 (count stops).
OLS0
RW
RW
Counter-phase output level select bit
(in reset synchronous PWM mode or
complementary PWM mode)
This bit is disabled in the output compare
function.
A/D trigger enable bit
(in complementary PWM mode)
This bit is disabled in the output compare
function.
RW
CMD1
RW
Combination mode select bits(1)
Set to 00b (timer mode, PWM mode, or
PWM3 mode) in the output compare
function.
CMD0
b7 b6 b5 b4
1
When bits CMD1 to CMD0 are set to 00b (timer mode, PWM mode, or PWM3 mode), the setting of the PWM3 bit is
enabled.
b3 b2
OLS1
b1 b0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com