Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 262Page - Renesas Technology Corp R8C2K Datasheet HTML 263Page - Renesas Technology Corp R8C2K Datasheet HTML 264Page - Renesas Technology Corp R8C2K Datasheet HTML 265Page - Renesas Technology Corp R8C2K Datasheet HTML 266Page - Renesas Technology Corp R8C2K Datasheet HTML 267Page - Renesas Technology Corp R8C2K Datasheet HTML 268Page - Renesas Technology Corp R8C2K Datasheet HTML 269Page - Renesas Technology Corp R8C2K Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 249 of 450
REJ09B0406-0110
Figure 16.90
Registers TRDIORA0 to TRDIORA1 in Output Compare Function
Timer RD I/O Control Register Ai (i = 0 or 1)
Symbol
Address
After Reset
TRDIORA0
TRDIORA1
0141h
0151h
10001000b
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. To select 1 (the TRDGRDi register is used as a buffer register of the TRDGRBi register) for this bit by the BFDi bit in
the TRDMR register, set the IOD2 bit in the TRDIORCi register to the same value as the IOB2 bit in the TRDIORAi
register.
—
IOB0
IOB1
RW
To select 1 (the TRDGRCi register is used as a buffer register of the TRDGRAi register) for this bit by the BFCi bit in
the TRDMR register, set the IOC2 bit in the TRDIORCi register to the same value as the IOA2 bit in the TRDIORAi
register.
TRDGRB mode select bit(2)
Set to 0 (output compare) in the output compare
function.
RW
b3 b2
IOA3
b1 b0
10
IOA2
0
b7 b6 b5 b4
—
(b7)
IOB2
RW
TRDGRB control bits
b5 b4
0 0 : Disable pin output by the compare match
(TRDIOBi pin functions as programmable
I/O port)
0 1 : “L” output at compare match
w ith the TRDGRBi register
1 0 : “H” output at compare match
w ith the TRDGRBi
1 1 : Toggle output by compare match
w ith the TRDGRBi register
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
RW
IOA1
IOA0
TRDGRA control bits
b1 b0
0 0 : Disable pin output by the compare match
(TRDIOAi pin functions as programmable
I/O port)
0 1 : “L” output at compare match w ith
the TRDGRAi register
1 0 : “H” output at compare match w ith
the TRDGRAi register
1 1 : Toggle output by compare match
w ith the TRDGRAi register
TRDGRA mode select bit(1)
Set to 0 (output compare) in the output compare
function.
RW
Input capture input sw itch
bit
Set to 1.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com