Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 263Page - Renesas Technology Corp R8C2K Datasheet HTML 264Page - Renesas Technology Corp R8C2K Datasheet HTML 265Page - Renesas Technology Corp R8C2K Datasheet HTML 266Page - Renesas Technology Corp R8C2K Datasheet HTML 267Page - Renesas Technology Corp R8C2K Datasheet HTML 268Page - Renesas Technology Corp R8C2K Datasheet HTML 269Page - Renesas Technology Corp R8C2K Datasheet HTML 270Page - Renesas Technology Corp R8C2K Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 250 of 450
REJ09B0406-0110
Figure 16.91
Registers TRDIORC0 to TRDIORC1 in Output Compare Function
Timer RD I/O Control Register Ci (i = 0 or 1)
Symbol
Address
After Reset
TRDIORC0
TRDIORC1
0142h
0152h
10001000b
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
IOC2
To select 1 (the TRDGRCi register is used as a buffer register of the TRDGRAi register) for this bit by the BFCi bit in
the TRDMR register, set the IOC2 bit in the TRDIORCi register to the same value as the IOA2 bit in the TRDIORAi
register.
TRDGRD mode select bit(2)
Set to 0 (output compare) in the output compare
function.
IOD3
IOD2
RW
TRDGRD register function
select bit
0 : TRDIOB output register
(Refer to 16.4.6.1 Changing Output Pins in
Registers TRDGRCi (i = 0 or 1) and
TRDGRDi.)
1 : General register or buffer register
RW
b3 b2
IOC3
b1 b0
0
RW
TRDGRD control bits
b5 b4
0 0 : Disable pin output by compare match
0 1 : “L” output at compare match w ith
the TRDGRDi register
1 0 : “H” output at compare match w ith
the TRDGRDi register
1 1 : Toggle output by compare match
w ith the TRDGRDi register
b7 b6 b5 b4
0
RW
RW
IOC1
IOC0
TRDGRC control bits
b1 b0
0 0 : Disable pin output by compare match
0 1 : “L” output at compare match w ith
the TRDGRCi register
1 0 : “H” output at compare match w ith
the TRDGRCi register
1 1 : Toggle output by compare match
w ith the TRDGRCi register
To select 1 (the TRDGRDi register is used as a buffer register of the TRDGRBi register) for this bit by the BFDi bit in
the TRDMR register, set the IOD2 bit in the TRDIORCi register to the same value as the IOB2 bit in the TRDIORAi
register.
TRDGRC mode select bit(1)
Set to 0 (output compare) in the output compare
function.
RW
TRDGRC register function
select bit
0 : TRDIOA output register
(Refer to 16.4.6.1 Changing Output Pins in
Registers TRDGRCi (i = 0 or 1) and
TRDGRDi.)
1 : General register or buffer register
RW
IOD0
IOD1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com