Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 266Page - Renesas Technology Corp R8C2K Datasheet HTML 267Page - Renesas Technology Corp R8C2K Datasheet HTML 268Page - Renesas Technology Corp R8C2K Datasheet HTML 269Page - Renesas Technology Corp R8C2K Datasheet HTML 270Page - Renesas Technology Corp R8C2K Datasheet HTML 271Page - Renesas Technology Corp R8C2K Datasheet HTML 272Page - Renesas Technology Corp R8C2K Datasheet HTML 273Page - Renesas Technology Corp R8C2K Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 253 of 450
REJ09B0406-0110
Figure 16.94
Registers TRD0 to TRD1 in Output Compare Function
Figure 16.95
Registers TRDGRAi, TRDGRBi, TRDGRCi, and TRDGRDi in Output Compare Function
The following registers are disabled in the output compare function: TRDDF0, TRDDF1, TRDPOCR0, and
TRDPOCR1.
i = 0 or 1, j = either A, B, C, or D
BFji: Bit in TRDMR register
IOj3: Bit in TRDIORCi register
Table 16.40
TRDGRji Register Function in Output Compare Function
Register
Setting
Register Function
Output-Compare
Output Pin
BFji
IOj3
TRDGRAi
−−
General register. Write the compare value.
TRDIOAi
TRDGRBi
TRDIOBi
TRDGRCi
0
1
General register. Write the compare value.
TRDIOCi
TRDGRDi
TRDIODi
TRDGRCi
1
1
Buffer register. Write the next compare value
(Refer to 16.4.2 Buffer Operation.)
TRDIOAi
TRDGRDi
TRDIOBi
TRDGRCi
0
0
TRDIOAi output control (Refer to 16.4.6.1 Changing
Output Pins in Registers TRDGRCi (i = 0 or 1) and
TRDGRDi.)
TRDIOAi
TRDGRDi
TRDIOBi
Timer RD Counter i (i = 0 or 1)
(1)
Symbol
Address
After Reset
TRD0
TRD1
0147h-0146h
0157h-0156h
0000h
0000h
Setting Range
RW
NOTE:
1.
Function
Count a count source. Count operation is incremented.
When an overflow occurs, the OVF bit in the TRDSRi register is set to 1.
0000h to FFFFh
RW
Access the TRDi register in 16-bit units. Do not access it in 8-bit units.
b0
b7
(b8)
b0
(b15)
b7
Timer RD General Register Ai, Bi, Ci and Di (i = 0 or 1)
(1)
Symbol
Address
After Reset
TRDGRA0
TRDGRB0
TRDGRC0
TRDGRD0
TRDGRA1
TRDGRB1
TRDGRC1
TRDGRD1
0149h-0148h
014Bh-014Ah
014Dh-014Ch
014Fh-014Eh
0159h-0158h
015Bh-015Ah
015Dh-015Ch
015Fh-015Eh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
RW
NOTE:
1.
RW
Function
Refer to Table 16.40 TRDGRji Register Function in Output Com pare Function
Access registers TRDGRAi to TRDGRDi in 16-bit units. Do not access them in 8-bit units.
b0
b7
(b8)
b0
(b15)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com