Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 270Page - Renesas Technology Corp R8C2K Datasheet HTML 271Page - Renesas Technology Corp R8C2K Datasheet HTML 272Page - Renesas Technology Corp R8C2K Datasheet HTML 273Page - Renesas Technology Corp R8C2K Datasheet HTML 274Page - Renesas Technology Corp R8C2K Datasheet HTML 275Page - Renesas Technology Corp R8C2K Datasheet HTML 276Page - Renesas Technology Corp R8C2K Datasheet HTML 277Page - Renesas Technology Corp R8C2K Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 257 of 450
REJ09B0406-0110
Figure 16.98
Operating Example When TRDGRCi Register is Used for Output Control of TRDIOAi
Pin and TRDGRDi Register is Used for Output Control of TRDIOBi Pin
Set to 0 by a program
Set to 0 by a program
Value in TRDi register
Count source
TRDIOAi output
FFFFh
TRDIOBi output
m: Value set in TRDGRAi register
n: Value set in TRDGRCi register
p: Value set in TRDGRBi register
q: Value set in TRDGRDi register
The above applies under the following conditions:
The CSELi bit in the TRDSTR register is set to 1 (the TRDi register is not stopped by compare match).
Bits BFCi and BFDi in the TRDMR register are set to 0 (registers TRDGRCi and TRDGRDi are not used as buffer register).
Bits EAi and EBi in the TRDOER1 register are set to 0 (enable TRDIOAi and TRDIOBi pin outputs).
Bits CCLR2 to CCLR0 in the TRDCRi register are set to 001b (set the TRDi register to 0000h by compare match in the TRDGRAi register).
Bits TOAi and TOBi in the TRDOCR register are set to 0 (initial output “L” to compare match).
Bits IOA2 to IOA0 in the TRDIORAi register are set to 011b (TRDIOAi output inverted at TRDGRAi register compare match).
Bits IOB2 to IOB0 in the TRDIORAi register are set to 011b (TRDIOBi output inverted at TRDGRBi register compare match).
Bits IOC3 to IOC0 in the TRDIORCi register are set to 0011b (TRDIOAi output inverted at TRDGRCi register compare match).
Bits IOD3 to IOD0 in the TRDIORCi register are set to 0011b (TRDIOBi output inverted at TRDGRDi register compare match).
i = 0 or 1
m
n
p
m+1
n+1
q
0000h
m-n
p+1
p-q
q+1
IMFA bit in
TRDSRi register
1
0
IMFC bit in
TRDSRi register
1
0
Set to 0 by a program
Output inverted by compare match
Initial output “L”
IMFB bit in
TRDSRi register
1
0
IMFD bit in
TRDSRi register
1
0
Initial output “L”
Set to 0 by a program
Output inverted by compare match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com