Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 272Page - Renesas Technology Corp R8C2K Datasheet HTML 273Page - Renesas Technology Corp R8C2K Datasheet HTML 274Page - Renesas Technology Corp R8C2K Datasheet HTML 275Page - Renesas Technology Corp R8C2K Datasheet HTML 276Page - Renesas Technology Corp R8C2K Datasheet HTML 277Page - Renesas Technology Corp R8C2K Datasheet HTML 278Page - Renesas Technology Corp R8C2K Datasheet HTML 279Page - Renesas Technology Corp R8C2K Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 259 of 450
REJ09B0406-0110
i = 0 or 1
Table 16.41
PWM Mode Specifications
Item
Specification
Count sources
f1, f2, f4, f8, f32, fOCO40M
External signal input to the TRDCLK pin (valid edge selected by a
program)
Count operations
Increment
PWM waveform
PWM period: 1/fk x (m+1)
Active level width: 1/fk x (m-n)
Inactive level width: 1/fk x (n+1)
fk: Frequency of count source
m: Value set in the TRDGRAi (i = 0 or 1) register
n: Value set in the TRDGRji (j = B, C, or D) register
Count start condition
1 (count starts) is written to the TSTARTi bit in the TRDSTR register.
Count stop conditions
• 0 (count stops) is written to the TSTARTi bit in the TRDSTR register
when the CSELi bit in the TRDSTR register is set to 1.
The PWM output pin holds output level before the count stops.
• When the CSELi bit in the TRDSTR register is set to 0, the count
stops at the compare match in the TRDGRAi register.
The PWM output pin holds level after output change by compare
match.
Interrupt request generation
timing
• Compare match (The content of the TRDi register matches content of
the TRDGRji register.)
• TRDi register overflows
TRDIOA0 pin function
Programmable I/O port or TRDCLK (external clock) input
TRDIOA1 pin function
Programmable I/O port
TRDIOB0, TRDIOC0, TRDIOD0,
TRDIOB1, TRDIOC1, TRDIOD1
pin functions
Programmable I/O port or pulse output (selectable by pin)
INT0 pin function
Programmable I/O port, pulse output forced cutoff signal input, or INT0
interrupt input
Read from timer
The count value can be read by reading the TRDi register.
Write to timer
The value can be written to the TRDi register.
Select functions
• 1 to 3 PWM output pins selected per 1 channel
Either 1 pin or multiple pins of the TRDIOBi, TRDIOCi or TRDIODi
pin.
• The active level selected by pin.
• Initial output level selected by pin.
• Synchronous operation (Refer to 16.4.3 Synchronous Operation.)
• Buffer operation (Refer to 16.4.2 Buffer Operation.)
• Pulse output forced cutoff signal input (Refer to 16.4.4 Pulse Output
Forced Cutoff.)
m+1
n+1
m-n
(When “L” is selected as the active level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com