Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 276Page - Renesas Technology Corp R8C2K Datasheet HTML 277Page - Renesas Technology Corp R8C2K Datasheet HTML 278Page - Renesas Technology Corp R8C2K Datasheet HTML 279Page - Renesas Technology Corp R8C2K Datasheet HTML 280Page - Renesas Technology Corp R8C2K Datasheet HTML 281Page - Renesas Technology Corp R8C2K Datasheet HTML 282Page - Renesas Technology Corp R8C2K Datasheet HTML 283Page - Renesas Technology Corp R8C2K Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 263 of 450
REJ09B0406-0110
Figure 16.103 Registers TRDOER1 to TRDOER2 in PWM Mode
Timer RD Output Master Enable Register 1
Symbol
Address
After Reset
TRDOER1
013Bh
FFh
Bit Symbol
Bit Name
Function
RW
ED1
RW
EA1
EB1
RW
TRDIOD1 output disable bit
0 : Enable output
1 : Disable output (The TRDIOD1 pin is
used as a programmable I/O port.)
TRDIOB1 output disable bit
0 : Enable output
1 : Disable output (The TRDIOB1 pin is
used as a programmable I/O port.)
EC1
RW
TRDIOA1 output disable bit
0 : Enable output
1 : Disable output (The TRDIOA1 pin is
used as a programmable I/O port.)
RW
RW
TRDIOD0 output disable bit
0 : Enable output
1 : Disable output (The TRDIOD0 pin is
used as a programmable I/O port.)
TRDIOC1 output disable bit
0 : Enable output
1 : Disable output (The TRDIOC1 pin is
used as a programmable I/O port.)
TRDIOC0 output disable bit
0 : Enable output
1 : Disable output (The TRDIOC0 pin is
used as a programmable I/O port.)
EC0
RW
RW
EB0
RW
TRDIOA0 output disable bit
0 : Enable output
1 : Disable output (The TRDIOA0 pin is
used as a programmable I/O port.)
TRDIOB0 output disable bit
0 : Enable output
1 : Disable output (The TRDIOB0 pin is
used as a programmable I/O port.)
1
b7 b6 b5 b4 b3 b2
ED0
b1 b0
1
EA0
Timer RD Output Master Enable Register 2
Symbol
Address
After Reset
TRDOER2
013Ch
01111111b
Bit Symbol
Bit Name
Function
RW
INT0
_____
of pulse output forced
0 : Pulse output forced cutoff input disabled
1 : Pulse output forced cutoff input enabled
(All bits in the TRDOER1 register
are set to 1 (disable output) w hen “L” is
applied to the INT0
_____
pin.)
NOTE:
1. Refer to 16.4.4 Pulse Output Forced Cutoff.
b3 b2 b1 b0
—
b7 b6 b5 b4
—
(b6-b0)
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
PTO
cutoff signal input enabled bit(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com