Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 277Page - Renesas Technology Corp R8C2K Datasheet HTML 278Page - Renesas Technology Corp R8C2K Datasheet HTML 279Page - Renesas Technology Corp R8C2K Datasheet HTML 280Page - Renesas Technology Corp R8C2K Datasheet HTML 281Page - Renesas Technology Corp R8C2K Datasheet HTML 282Page - Renesas Technology Corp R8C2K Datasheet HTML 283Page - Renesas Technology Corp R8C2K Datasheet HTML 284Page - Renesas Technology Corp R8C2K Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 264 of 450
REJ09B0406-0110
Figure 16.104 Registers TRDOCR and TRDCR0 to TRDCR1 in PWM Mode
Timer RD Output Control Register
(1)
Symbol
Address
After Reset
TRDOCR
013Dh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. If the pin function is set for w aveform output (refer to Tables 16.27 to 16.29 and Tables 16.31 to 16.33), the initial
output level is output w hen the TRDOCR register is set.
b3 b2
TOD0
b1 b0
0
TOA0
b7 b6 b5 b4
0
TRDIOD0 initial output level select bit(2)
TOD1
RW
RW
TOB0
RW
TRDIOA0 output level select bit
Set this bit to 0 (enable output) in
PWM mode.
TRDIOB0 output level select bit(2)
TRDIOC0 initial output level select bit(2)
0 : Initial output is inactive
level
1 : Initial output is active level
Set this bit to 0 (enable output) in
PWM mode.
Write to the TRDOCR register w hen both the TSTART0 and TSTART1 bits in the TRDSTR register are set to 0 (count
stops).
TOC0
RW
RW
TRDIOA1 initial output level select bit
RW
RW
0 : Inactive level
1 : Active level
TOA1
TOB1
RW
TRDIOD1 initial output level select bit(2)
TRDIOB1 initial output level select bit(2)
TOC1
TRDIOC1 initial output level select bit(2)
Timer RD Control Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDCR0
TRDCR1
0140h
0150h
00h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. Bits CKEG1 to CKEG0 are enabled w hen bits TCK2 to TCK0 are set to 101b (TRDCLK input) and the STCLK bit in the
TRDFCR register is set to 1 (external clock input enabled).
RW
CKEG1
CCLR0
RW
Set to 001b (the TRDi register cleared at
compare match w ith TRDGRAi register) in PWM
mode.
TRDi counter clear select bits
This setting is enabled w hen the STCLK bit in the TRDFCR register is set to 1 (external clock input enabled).
b3 b2
CKEG0
b1 b0
TCK2
001
b7 b6 b5 b4
RW
RW
RW
CCLR2
CCLR1
RW
Count source select bits
b2 b1 b0
0 0 0 : f1
0 0 1 : f2
0 1 0 : f4
0 1 1 : f8
1 0 0 : f32
1 0 1 : TRDCLK input(1)
1 1 0 : fOCO40M
1 1 1 : Do not set.
External clock edge select bits(2) b4 b3
0 0 : Count at the rising edge
0 1 : Count at the falling edge
1 0 : Count at both edges
1 1 : Do not set.
RW
TCK1
RW
TCK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com