Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 273Page - Renesas Technology Corp R8C2K Datasheet HTML 274Page - Renesas Technology Corp R8C2K Datasheet HTML 275Page - Renesas Technology Corp R8C2K Datasheet HTML 276Page - Renesas Technology Corp R8C2K Datasheet HTML 277Page - Renesas Technology Corp R8C2K Datasheet HTML 278Page - Renesas Technology Corp R8C2K Datasheet HTML 279Page - Renesas Technology Corp R8C2K Datasheet HTML 280Page - Renesas Technology Corp R8C2K Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 260 of 450
REJ09B0406-0110
Figure 16.100 Registers TRDSTR and TRDMR in PWM Mode
Timer RD Start Register
(1)
Symbol
Address
After Reset
TRDSTR
0137h
11111100b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
When the CSEL0 bit is set to 1, w rite 0 to the TSTART0 bit.
When the CSEL1 bit is set to 1, w rite 0 to the TSTART1 bit.
When the CSEL0 bit is set to 0 and the compare match signal (TRDIOA0) is generated, this bit is set to 0 (count
stops).
When the CSEL1 bit is set to 0 and the compare match signal (TRDIOA1) is generated, this bit is set to 0 (count
stops).
b3 b2
CSEL1
b1 b0
TSTART0
b7 b6 b5 b4
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
TSTART1
RW
TRD1 count start flag(5)
0 : Count stops(3)
1 : Count starts
TRD0 count start flag(4)
0 : Count stops(2)
1 : Count starts
Set the TRDSTR register using the MOV instruction (do not use the bit handling instruction). Refer to 16.4.12.1
TRDSTR Register of Notes on Tim er RD.
TRD0 count operation select bit
0 : Count stops at the compare match w ith
the TRDGRA0 register
1 : Count continues after the compare
match w ith the TRDGRA0 register
CSEL0
RW
RW
TRD1 count operation select bit
0 : Count stops at the compare match w ith
the TRDGRA1 register
1 : Count continues after the compare
match w ith the TRDGRA1 register
—
—
(b7-b4)
Timer RD Mode Register
Symbol
Address
After Reset
TRDMR
0138h
00001110b
Bit Symbol
Bit Name
Function
RW
b3 b2
BFD0
b1 b0
SYNC
b7 b6 b5 b4
RW
—
(b3-b1)
—
Timer RD synchronous bit
0 : Registers TRD0 and TRD1 operate
independently
1 : Registers TRD0 and TRD1 operate
synchronously
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
TRDGRC0 register function
select bit
0 : General register
1 : Buffer register of TRDGRA0 register
BFC0
RW
RW
TRDGRD0 register function
select bit
0 : General register
1 : Buffer register of TRDGRB0 register
TRDGRC1 register function
select bit
0 : General register
1 : Buffer register of TRDGRA1 register
RW
RW
BFC1
BFD1
TRDGRD1 register function
select bit
0 : General register
1 : Buffer register of TRDGRB1 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com