Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 271Page - Renesas Technology Corp R8C2K Datasheet HTML 272Page - Renesas Technology Corp R8C2K Datasheet HTML 273Page - Renesas Technology Corp R8C2K Datasheet HTML 274Page - Renesas Technology Corp R8C2K Datasheet HTML 275Page - Renesas Technology Corp R8C2K Datasheet HTML 276Page - Renesas Technology Corp R8C2K Datasheet HTML 277Page - Renesas Technology Corp R8C2K Datasheet HTML 278Page - Renesas Technology Corp R8C2K Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 258 of 450
REJ09B0406-0110
16.4.7
PWM Mode
In PWM mode, a PWM waveform is output. Up to 3 PWM waveforms with the same period can be output by 1
channel. Also, up to 6 PWM waveforms with the same period can be output by synchronizing channels 0 and 1.
Since this mode functions by a combination of the TRDIOji (i = 0 or 1, j = B, C, or D) pin and TRDGRji
register, the PWM mode, or any other mode or function, can be selected for each individual pin. (However,
since the TRDGRAi register is used when using any pin for PWM mode, the TRDGRAi register cannot be used
for other modes.)
Figure 16.99 shows a Block Diagram of PWM Mode, and Table 16.41 lists the PWM Mode Specifications.
Figures 16.100 to 16.109 show the Registers Associated with PWM Mode, and Figures 16.110 and 16.111 show
Operating Examples of PWM Mode.
Figure 16.99
Block Diagram of PWM Mode
TRDIOBi
Output
control
TRDGRAi
TRDi
Compare match signal
TRDGRBi
TRDIOCi
TRDGRCi
TRDGRDi
TRDIODi
(Note 1)
(Note 2)
i = 0 or 1
NOTES:
1. When the BFCi bit in the TRDMR register is set to 1 (the TRDGRCi register is used as the
buffer register of the TRDGRAi register).
2. When the BFDi bit in the TRDMR register is set to 1 (the TRDGRDi register is used as the
buffer register of the TRDGRBi register).
Compare match signal
Compare match signal
Compare match signal
Comparator
Comparator
Comparator
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com