Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 260Page - Renesas Technology Corp R8C2K Datasheet HTML 261Page - Renesas Technology Corp R8C2K Datasheet HTML 262Page - Renesas Technology Corp R8C2K Datasheet HTML 263Page - Renesas Technology Corp R8C2K Datasheet HTML 264Page - Renesas Technology Corp R8C2K Datasheet HTML 265Page - Renesas Technology Corp R8C2K Datasheet HTML 266Page - Renesas Technology Corp R8C2K Datasheet HTML 267Page - Renesas Technology Corp R8C2K Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 247 of 450
REJ09B0406-0110
Figure 16.88
TRDOCR Register in Output Compare Function
Timer RD Output Control Register
(1, 2)
Symbol
Address
After Reset
TRDOCR
013Dh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
b3 b2
TOD0
b1 b0
TOA0
b7 b6 b5 b4
001
RW
TOB0
RW
TRDIOA0 output level select bit
0 : Initial output “L”
1 : Initial output “H”
TRDIOB0 output level select bit
0 : Initial output “L”
1 : Initial output “H”
Write to the TRDOCR register w hen both the TSTART0 and TSTART1 bits in the TRDSTR register are set to 0 (count
stopped).
TOC0
RW
RW
TRDIOA1 initial output level select bit
RW
RW
TRDIOD0 initial output level select bit
TOD1
RW
If the pin function is set for w aveform output (refer to Tables 16.26 to 16.33), the initial output level is output w hen
the TRDOCR register is set.
TOA1
TOB1
RW
TRDIOD1 initial output level select bit
0 : “L”
1 : “H”
TRDIOB1 initial output level select bit
TOC1
TRDIOC1 initial output level select bit
TRDIOC0 initial output level select bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com