Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 255Page - Renesas Technology Corp R8C2K Datasheet HTML 256Page - Renesas Technology Corp R8C2K Datasheet HTML 257Page - Renesas Technology Corp R8C2K Datasheet HTML 258Page - Renesas Technology Corp R8C2K Datasheet HTML 259Page - Renesas Technology Corp R8C2K Datasheet HTML 260Page - Renesas Technology Corp R8C2K Datasheet HTML 261Page - Renesas Technology Corp R8C2K Datasheet HTML 262Page - Renesas Technology Corp R8C2K Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 242 of 450
REJ09B0406-0110
i = 0 or 1, j = either A, B, C, or D
Table 16.39
Output Compare Function Specifications
Item
Specification
Count sources
f1, f2, f4, f8, f32, fOCO40M
External signal input to the TRDCLK pin (valid edge selected by a program)
Count operations
Increment
Count period
• When bits CCLR2 to CCLR0 in the TRDCRi register are set to 000b (free-running
operation)
1/fk × 65536 fk: Frequency of count source
• Bits CCLR1 to CCLR0 in the TRDCRi register are set to 01b or 10b (set the TRDi
register to 0000h at the compare match in the TRDGRji register).
Frequency of count source x (n+1)
n: Setting value in the TRDGRji register
Waveform output timing
Compare match
Count start condition
1 (count starts) is written to the TSTARTi bit in the TRDSTR register.
Count stop conditions
• 0 (count stops) is written to the TSTARTi bit in the TRDSTR register when the
CSELi bit in the TRDSTR register is set to 1.
The output compare output pin holds output level before the count stops.
• When the CSELi bit in the TRDSTR register is set to 0, the count stops at the
compare match in the TRDGRAi register.
The output compare output pin holds level after output change by the compare
match.
Interrupt request generation
timing
• Compare match (content of the TRDi register matches content of the TRDGRji
register.)
• TRDi register overflows
TRDIOA0 pin function
Programmable I/O port, output-compare output, or TRDCLK (external clock) input
TRDIOB0, TRDIOC0,
TRDIOD0, TRDIOA1 to
TRDIOD1 pin functions
Programmable I/O port or output-compare output (Selectable by pin)
INT0 pin function
Programmable I/O port, pulse output forced cutoff signal input, or INT0 interrupt input
Read from timer
The count value can be read by reading the TRDi register.
Write to timer
• When the SYNC bit in the TRDMR register is set to 0 (channels 0 and 1 operate
independently).
Data can be written to the TRDi register.
• When the SYNC bit in the TRDMR register is set to 1 (channels 0 and 1 operate
synchronously).
Data can be written to both the TRD0 and TRD1 registers by writing to the TRDi
register.
Select functions
• Output-compare output pin selected
Either 1 pin or multiple pins among TRDIOAi, TRDIOBi, TRDIOCi, or TRDIODi.
• Output level at the compare match selected
“L” output, “H” output, or output level inversed
• Initial output level selected
Set the level at period from the count start to the compare match.
• Timing to set the TRDi register to 0000h
Overflow or compare match in the TRDGRAi register
• Buffer operation (Refer to 16.4.2 Buffer Operation.)
• Synchronous operation (Refer to 16.4.3 Synchronous Operation.)
• Output pin in registers TRDGRCi and TRDGRDi changed
The TRDGRCi register can be used as output control of the TRDIOAi pin and the
TRDGRDi register can be used as output control of the TRDIOBi pin.
• Pulse output forced cutoff signal input (Refer to 16.4.4 Pulse Output Forced
Cutoff.
)
• Timer RD can be used as the internal timer without output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com